Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 151 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 151 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 147Page - Infineon Technologies AG PEB2256HT Datasheet HTML 148Page - Infineon Technologies AG PEB2256HT Datasheet HTML 149Page - Infineon Technologies AG PEB2256HT Datasheet HTML 150Page - Infineon Technologies AG PEB2256HT Datasheet HTML 151Page - Infineon Technologies AG PEB2256HT Datasheet HTML 152Page - Infineon Technologies AG PEB2256HT Datasheet HTML 153Page - Infineon Technologies AG PEB2256HT Datasheet HTML 154Page - Infineon Technologies AG PEB2256HT Datasheet HTML 155Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 151 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
151
2002-08-27
5.3.2
Auto Modes
•
Automatic remote alarm (Yellow Alarm) access
If the receiver has lost its synchronization (FRS0.LFA) a remote alarm (yellow alarm)
is sent to the distant end automatically, if enabled by bit FMR2.AXRA. In synchronous
state the remote alarm bit is removed.
• Automatic AIS to system interface
In asynchronous state the synchronizer enforces an AIS to the receive system
interface automatically. However, received data is switched through transparently if bit
FMR2.DAIS is set.
Yellow Alarm or
Remote Alarm
(RRA)
1)
RC1.RRAM = 0:
bit 2 = 0 in 255 consecutive time
slots or
FS-bit = 1 of frame12 in F12 (D4)
format or
8
×1,8×0 in the DL channel (ESF)
RC1.RRAM = 1:
bit 2 = 0 in every time slot per
frame or
FS-bit = 1 of frame12 in F12 (D4)
format or
8
×1,8×0 in the DL channel (ESF)
RC1.RRAM = 0:
set conditions no longer
detected.
RC1.RRAM = 1:
bit 2 = 0 not detected in 3
consecutive frames or
FS-bit not detected in 3
consecutive multiframes or
8
×1,8×0 not detected for 3 times
in a row (ESF).
Excessive Zeros
(EXZD)
more than 7 (B8ZS code) or
more than 15 (AMI code)
contiguous zeros
Latched Status: cleared on read
Pulse-Density
Violation
(PDEN)
less than N ones in each and
every time window of 8
×(N+1)
time slots with N taking all values
of 1 to 23
or
more than 15 consecutive zeros
Latched Status: cleared on read
Transmit Line
Short
(XLS)
more than 3 pulse periods with
highly increased transmit line
current on XL1/2
transmit line current limiter
inactive
Transmit Ones-
Density
(XLO)
32 consecutive zeros in the
transmit data stream on XL1/2
Cleared with each transmitted
pulse
1)
RRA detection operates in the presence of 10-3 bit error rate.
Table 38
Summary of Alarm Detection and Release (T1/J1) (cont’d)
Alarm
Detection Condition
Clear Condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com