Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 146 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 146 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 142Page - Infineon Technologies AG PEB2256HT Datasheet HTML 143Page - Infineon Technologies AG PEB2256HT Datasheet HTML 144Page - Infineon Technologies AG PEB2256HT Datasheet HTML 145Page - Infineon Technologies AG PEB2256HT Datasheet HTML 146Page - Infineon Technologies AG PEB2256HT Datasheet HTML 147Page - Infineon Technologies AG PEB2256HT Datasheet HTML 148Page - Infineon Technologies AG PEB2256HT Datasheet HTML 149Page - Infineon Technologies AG PEB2256HT Datasheet HTML 150Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
146
2002-08-27
framing pattern the FALC56 stays in the asynchronous state, searching for a possible
available framing pattern. This procedure is repeated until the framer has locked on
the right pattern. This automatic synchronization mode has been added in order to
reduce the microprocessor load.
5.2.6.2
Remote Alarm (yellow alarm) Generation/Detection
Remote alarm (yellow alarm) is indicated by the periodical pattern "1111 1111 0000 0000
…" in the DL-bits (T1 mode, RC0.SJR = 0). Remote alarm is declared even in the
presence of a bit error rate of up to 10
-3. The alarm is reset when the yellow alarm pattern
no longer is detected.
Depending on bit RC0.SJR = 1 the FALC56 generates and detects the remote alarm
according to JT G. 704. In the DL-bit position 16 continuous "1" are transmitted if
FMR0.SRAF = 0 and FMR4.XRA = 1.
5.2.6.3
CRC6 Generation and Checking (T1/J1)
Generation and checking of CRC6 bits transmitted/received in the E(6:1) bit positions is
done according to ITU-T G.706. The CRC6 checking algorithm is enabled by bit
FMR1.CRC. If not enabled, all check bits in the transmit direction are set. In the
synchronous state received CRC6 errors are accumulated in a 16 bit error counter and
are additionally indicated by an interrupt status.
• CRC6 inversion
If enabled by bit RC0.CRCI, all CRC bits of one outgoing extended multiframe are
automatically inverted in case a CRC error is flagged for the previous received
multiframe. Setting the bit RC0.XCRCI inverts the CRC bits before transmitted to the
distant end. This function is logically ored with RC0.CRCI.
• CRC6 generation/checking according to JT G.706
Setting of RC0.SJR the FALC56 generates and checks the CRC6 bits according to
JT G.706. The CRC6 checksum is calculated including the FS/DL-bits. In synchronous
state CRC6 errors increment an error counter.
5.2.7
72-Frame Multiframe (SLC96 Format, T1/J1)
The 72-multiframe is an alternate use of the FS-bit pattern and is used for carrying data
link information. This is done by stealing some of redundant multiframing bits after the
transmission of the 12-bit framing header (refer to Figure 36 on page 148). The position
of A and B signaling channels (robbed bit signaling) is defined by zero-to-one and one-
to-zero transitions of the FS-bits and is continued when the FS-bits are replaced by the
data link bits.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com