Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 145 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 145 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 141Page - Infineon Technologies AG PEB2256HT Datasheet HTML 142Page - Infineon Technologies AG PEB2256HT Datasheet HTML 143Page - Infineon Technologies AG PEB2256HT Datasheet HTML 144Page - Infineon Technologies AG PEB2256HT Datasheet HTML 145Page - Infineon Technologies AG PEB2256HT Datasheet HTML 146Page - Infineon Technologies AG PEB2256HT Datasheet HTML 147Page - Infineon Technologies AG PEB2256HT Datasheet HTML 148Page - Infineon Technologies AG PEB2256HT Datasheet HTML 149Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 145 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
145
2002-08-27
5.2.6.1
Synchronization Procedures
For multiframe synchronization the FAS-bits are observed. Synchronous state is
reached if at least one framing candidate is definitely found, or the synchronizer is forced
to lock onto the next available candidate (FMR0.FRS).
In the synchronous state the framing bits (FAS-bits) are observed. The following
conditions selected by FMR4.SSC1/0 lead to the asynchronous state:
• two errors within 4/5/6 framing bits
• two or more erroneous framing bits within one ESF multiframe
• more than 320 CRC6 errors per second interval (FMR5.SSC2)
• 4 incorrect (1 out of 6) consecutive multiframes independent of CRC6 errors.
There are four multiframe synchronization modes selectable using FMR2.MCSP and
FMR2.SSP.
• FMR2.MCSP/SSP = 00: In the synchronous state, the setting of FMR0.FRS or
FMR0.EXLS resets the synchronizer and initiates a new frame search. The
synchronous state is reached again, if there is only one definite framing candidate. In
the case of repeated apparent simulated candidates, the synchronizer remains in the
asynchronous state.
In asynchronous state, setting bit FMR0.FRS induces the synchronizer to lock onto
the next available framing candidate if there is one. At the same time the internal
framing pattern memory is cleared and other possible framing candidates are lost.
• FMR2.MCSP/SSP = 01: Synchronization is achieved when 3 consecutive multiframe
pattern are correctly found independent of the occurrence of CRC6 errors. If only one
or two consecutive multiframe pattern were detected the FALC56 stays in the
asynchronous state, searching for a possible additionally available framing pattern.
This procedure is repeated until the framer has found three consecutive multiframe
pattern in a row.
• FMR2.MCSP/SSP = 10: This mode has been added in order to be able to choose
multiple framing pattern candidates step by step. I.e. if in synchronous state the CRC
error counter indicates that the synchronization might have been based on an alias
framing pattern, setting of FMR0.FRS leads to synchronization on the next candidate
available. However, only the previously assumed candidate is discarded in the internal
framing pattern memory. The latter procedure can be repeated until the framer has
locked on the right pattern (no extensive CRC errors).
The synchronizer is reset completely and initiates a new frame search, if there is no
multiframing found. In this case bit FRS0.FSRF toggles.
• FMR2.MCSP/SSP = 11: Synchronization including automatic CRC6 checking
Synchronization is achieved when framing pattern are correctly found and the CRC6
checksum is received without an error. If the CRC6 check failed on the assumed



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com