Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 140 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 140 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 136Page - Infineon Technologies AG PEB2256HT Datasheet HTML 137Page - Infineon Technologies AG PEB2256HT Datasheet HTML 138Page - Infineon Technologies AG PEB2256HT Datasheet HTML 139Page - Infineon Technologies AG PEB2256HT Datasheet HTML 140Page - Infineon Technologies AG PEB2256HT Datasheet HTML 141Page - Infineon Technologies AG PEB2256HT Datasheet HTML 142Page - Infineon Technologies AG PEB2256HT Datasheet HTML 143Page - Infineon Technologies AG PEB2256HT Datasheet HTML 144Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 140 / 490 page
background image
FALC56 V1.2
PEB 2256
Functional Description T1/J1
Data Sheet
140
2002-08-27
• User controlled, exclusively, by the control bits described above in the non-auto mode
(FMR4.AUTO = 0).
5.2.3
Addition for F12 and F72 Format
FT and FS bit conditions, i.e. pulse frame alignment and multiframe alignment can be
handled
separately
if
programmed
by
bit
FMR2.SSP.
Thus,
a
multiframe
resynchronization can be automatically initiated after detecting 2 errors out of 4/5/6
consecutive multiframing bits without influencing the state of the terminal framing.
In the synchronous state, the setting of FMR0.FRS or FMR0.EXLS resets the
synchronizer and initiates a new frame search. The synchronous state is reached if there
is only one definite framing candidate. In the case of repeated apparent simulated
candidates, the synchronizer remains in the asynchronous state.
In asynchronous state, the function of FMR0.EXLS is the same as above. Setting bit
FMR0.FRS induces the synchronizer to lock onto the next available framing candidate if
there is one. Otherwise a new frame search is started. This is useful in case the framing
pattern that defines the pulseframe position is imitated periodically by a pattern in one of
the speech/data channels.
The control bit FMR0.EXLS should be used first because it starts the synchronizer to
search for a definite framing candidate.
To observe actions of the synchronizer, the Frame Search Restart Flag FRS0.FSRF is
implemented. It toggles at the start of a new frame search if no candidate has been found
at previous attempt.
When resynchronization is initiated, the following values apply for the time required to
achieve the synchronous state in case there is one definite framing candidate within the
data stream:
Table 32
Resynchronization Timing (T1/J1)
Frame Mode
Average
Maximum
Units
F4
F12
ESF
F72
1.0
3.5
3.4
13.0
1.5
4.5
6.125
17.75
ms



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com