Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 214 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 214 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 210Page - Infineon Technologies AG PEB2256HT Datasheet HTML 211Page - Infineon Technologies AG PEB2256HT Datasheet HTML 212Page - Infineon Technologies AG PEB2256HT Datasheet HTML 213Page - Infineon Technologies AG PEB2256HT Datasheet HTML 214Page - Infineon Technologies AG PEB2256HT Datasheet HTML 215Page - Infineon Technologies AG PEB2256HT Datasheet HTML 216Page - Infineon Technologies AG PEB2256HT Datasheet HTML 217Page - Infineon Technologies AG PEB2256HT Datasheet HTML 218Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 214 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
214
2002-08-27
1D
FMR1
R/W
Framer Mode Register 1
230
1E
FMR2
R/W
Framer Mode Register 2
232
1F
LOOP
R/W
Channel Loop-Back
233
20
XSW
R/W
Transmit Service Word
234
21
XSP
R/W
Transmit Spare Bits
235
22
XC0
R/W
Transmit Control 0
236
23
XC1
R/W
Transmit Control 1
237
24
RC0
R/W
Receive Control 0
238
25
RC1
R/W
Receive Control 1
239
26
XPM0
R/W
Transmit Pulse Mask 0
241
27
XPM1
R/W
Transmit Pulse Mask 1
241
28
XPM2
R/W
Transmit Pulse Mask 2
241
29
TSWM
R/W
Transparent Service Word Mask
242
2B
IDLE
R/W
Idle Channel Code
243
2C
XSA4
R/W
Transmit S
a4-Bit Register
244
2D
XSA5
R/W
Transmit S
a5-Bit Register
244
2E
XSA6
R/W
Transmit S
a6-Bit Register
244
2F
XSA7
R/W
Transmit S
a7-Bit Register
244
30
XSA8
R/W
Transmit S
a8-Bit Register
244
31
FMR3
R/W
Framer Mode Register 3
245
32
ICB1
R/W
Idle Channel Register 1
246
33
ICB2
R/W
Idle Channel Register 2
246
34
ICB3
R/W
Idle Channel Register 3
246
35
ICB4
R/W
Idle Channel Register 4
246
36
LIM0
R/W
Line Interface Mode 0
247
37
LIM1
R/W
Line Interface Mode 1
248
38
PCD
R/W
Pulse Count Detection
249
39
PCR
R/W
Pulse Count Recovery
250
3A
LIM2
R/W
Line Interface Mode 2
250
3B
LCR1
R/W
Loop Code Register 1
251
Table 58
E1 Control Register Address Arrangement (cont’d)
Address
Register
Type
Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com