Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 210 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 210 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 206Page - Infineon Technologies AG PEB2256HT Datasheet HTML 207Page - Infineon Technologies AG PEB2256HT Datasheet HTML 208Page - Infineon Technologies AG PEB2256HT Datasheet HTML 209Page - Infineon Technologies AG PEB2256HT Datasheet HTML 210Page - Infineon Technologies AG PEB2256HT Datasheet HTML 211Page - Infineon Technologies AG PEB2256HT Datasheet HTML 212Page - Infineon Technologies AG PEB2256HT Datasheet HTML 213Page - Infineon Technologies AG PEB2256HT Datasheet HTML 214Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 210 / 490 page
background image
FALC56 V1.2
PEB 2256
Signaling Controller Operating Modes
Data Sheet
210
2002-08-27
Byte sampling in BOM Mode (T1/J1)
a)
b)
Three different BOM reception modes can be programmed (CCR1.BRM, CCR2.RBFE).
10 byte packets: CCR1.BRM = 0
After storing 10 bytes in RFIFO the receive status byte marking a BOM frame
(RSIS.HFR) is added as the eleventh byte and an interrupt (ISR0.RME) is generated.
The sampling of data bytes continues and interrupts are generated every 10 bytes until
an HDLC flag is detected.
Continuous reception: CCR1.BRM = 1
Interrupts are generated every 32 (16, 4, 2) bytes. After detecting an HDLC flag, byte
sampling is stopped, the receive status byte is stored in RFIFO and an RME interrupt is
generated.
Reception with enabled BOM filter: CCR2.RBFE = 1
The BOM receiver will only accept BOM frames after detecting 7 out of 10 equal BOM
pattern. The BOM pattern is stored in the RFIFO adding a receive status byte, marking
a BOM frame (RSIS.HFR) and generating an interrupt status ISR0.RME. The current
state of the BOM receiver is indicated in register SIS.IVB. When the valid BOM pattern
disappears an interrupt ISR0.BIV is generated.
The user can switch between these modes at any time. Byte sampling can be stopped
by deactivating the BOM receiver (MODE.BRAC). In this case the receive status byte is
added, an interrupt is generated and HDLC mode is entered. Whether the FALC56
operates in HDLC or BOM mode are checked by reading the signaling status register
(SIS.BOM).
1111
1111 1111 0011 0100 1111 1111 0011 0100 1110 1111 0011 0100 1101 1111
sync
not stored
new sync
1.byte
stored
1.corrupted
sync
2.byte
stored
2.corrupted
sync
corrupted
sync
1111
1111 0111 0110 1101 1111 0111 0110 1111 1111 0111 0110 0111 1111
sync
1.byte
stored
1.corrupted
byte
2.byte
stored
2.sync
3.byte
stored
3.corrupted
sync



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com