Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 209 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 209 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 205Page - Infineon Technologies AG PEB2256HT Datasheet HTML 206Page - Infineon Technologies AG PEB2256HT Datasheet HTML 207Page - Infineon Technologies AG PEB2256HT Datasheet HTML 208Page - Infineon Technologies AG PEB2256HT Datasheet HTML 209Page - Infineon Technologies AG PEB2256HT Datasheet HTML 210Page - Infineon Technologies AG PEB2256HT Datasheet HTML 211Page - Infineon Technologies AG PEB2256HT Datasheet HTML 212Page - Infineon Technologies AG PEB2256HT Datasheet HTML 213Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 209 / 490 page
background image
FALC56 V1.2
PEB 2256
Signaling Controller Operating Modes
Data Sheet
209
2002-08-27
Data written to the XFIFO will be transmitted subsequently in the S
a-bit positions
defined by register XC0.SA8E to SA84E and the corresponding bits of
TSWM.TSA(8:4). Any combination of S
a-bits can be selected. After the data has been
sent out completely an “all ones” or Flags (CCR1.ITF) is transmitted. The continuous
transmission of a transparent bit stream, which is stored in the XFIFO, can be
enabled.
With the setting of bit MODE.HRAC the received S
a-bits can be forwarded to the
receive FIFO.
The access to and from the FIFOs is supported by ISR0.RME/RPF and ISR1.XPR/
ALS.
8.3.7
Bit Oriented Message Mode (T1/J1)
The FALC56 supports signaling and maintenance functions for T1/J1 primary rate
Interfaces using the Extended Super Frame format. The HDLC channel 1 of the device
supports the DL-channel protocol for ESF format according to T1.403-1989 ANSI or to
AT&T TR54016 specification. The HDLC and Bit Oriented Message (BOM) -Receiver
can be switched on/off independently. If the FALC56 is used for HDLC formats only, the
BOM receiver has to be switched off. If HDLC and BOM receiver has been switched on
(MODE.HRAC/BRAC), an automatic switching between HDLC and BOM mode is
enabled. Storing of received DL-bit information in the RFIFO of the signaling controller
and transmitting the XFIFO contents in the DL-bit positions is enabled by CCR1.EDLX/
EITS = 10. After hardware-reset (pin RES low) or software-reset (CMDR.RRES = 1) the
FALC56 operates in HDLC mode. If eight or more consecutive ones are detected, the
BOM mode is entered. Upon detection of a flag in the data stream, the FALC56 switches
back to HDLC mode. Operating in BOM mode, the FALC56 is able to receive an HDLC
frame immediately, i.e. without any preceding flags.
In BOM mode, the following byte format is assumed (the left most bit is received first;
111111110xxxxxx0).
The FALC56 uses the FF
H byte for synchronization, the next byte is stored in RFIFO (first
bit received: LSB) if it starts and ends with a “0”. Bytes starting and ending with a “1” are
not stored. If there are no 8 consecutive ones detected within 32 bits, an interrupt is
generated. However, byte sampling is not stopped.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com