Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 208 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 208 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 204Page - Infineon Technologies AG PEB2256HT Datasheet HTML 205Page - Infineon Technologies AG PEB2256HT Datasheet HTML 206Page - Infineon Technologies AG PEB2256HT Datasheet HTML 207Page - Infineon Technologies AG PEB2256HT Datasheet HTML 208Page - Infineon Technologies AG PEB2256HT Datasheet HTML 209Page - Infineon Technologies AG PEB2256HT Datasheet HTML 210Page - Infineon Technologies AG PEB2256HT Datasheet HTML 211Page - Infineon Technologies AG PEB2256HT Datasheet HTML 212Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 208 / 490 page
background image
FALC56 V1.2
PEB 2256
Signaling Controller Operating Modes
Data Sheet
208
2002-08-27
8.3.5
HDLC Data Reception
2
×32 byte FIFO buffers are also provided in receive direction for each HDLC channel.
There are different interrupt indications concerned with the reception of data:
• RPF (RPF2, RPF3, receive pool full) interrupt, indicating that a 32-byte block of data
can be read from RFIFO (RFIFO2, RFIFO3) and the received message is not yet
complete.
• RME (RME2, RME3, receive message end) interrupt, indicating that the reception of
one message is completed.
The following figure gives an example of a reception sequence, assuming that a “long”
frame (66 bytes) followed by two short frames (6 bytes each) are received.
Figure 80
Interrupt Driven Reception Sequence Example
8.3.6
S
a-bit Access (E1)
The FALC56 supports the S
a-bit signaling of time slot 0 of every other frame as follows:
• Access via registers RSW/XSW
• Access via registers RSA(8:4)/XSA(8:4)
capable of storing the information for a complete multiframe
• Access via the 64 byte deep receive/transmit FIFO of the integrated signaling
controller (HDLC channel 1 only). This S
a-bit access gives the opportunity to transmit/
receive a transparent bit stream as well as HDLC frames where the signaling
controller automatically processes the HDLC protocol. Enabling is done by setting of
bit CCR1.EITS and resetting of registers TTR(4:1), RTR(4:1) and FMR1.ENSA.
ITD10972
RD RFIFO
32 bytes
RMC
Receive Frame 1 (66 bytes)
32
6
RPF
RPF
32
2
32 bytes
RD RFIFO
RMC
RME
RME
RMC
RMC
RME
RMC
6
RF2 RF3
FALC
R
Interface
CPU
Interface
System



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com