Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 206 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 206 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 202Page - Infineon Technologies AG PEB2256HT Datasheet HTML 203Page - Infineon Technologies AG PEB2256HT Datasheet HTML 204Page - Infineon Technologies AG PEB2256HT Datasheet HTML 205Page - Infineon Technologies AG PEB2256HT Datasheet HTML 206Page - Infineon Technologies AG PEB2256HT Datasheet HTML 207Page - Infineon Technologies AG PEB2256HT Datasheet HTML 208Page - Infineon Technologies AG PEB2256HT Datasheet HTML 209Page - Infineon Technologies AG PEB2256HT Datasheet HTML 210Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 206 / 490 page
background image
FALC56 V1.2
PEB 2256
Signaling Controller Operating Modes
Data Sheet
206
2002-08-27
HDLC mode is selected, the limits for “Valid Frame” check are modified (refer to
description of bit RSIS.VFR).
• Transmit Direction
If CCR2.XCRC is set, the CRC checksum is not generated internally. The checksum has
to be provided via the transmit FIFO (XFIFO) as the last two bytes. The transmitted frame
is closed automatically by a closing flag only.
The FALC56 does not check whether the length of the frame, i.e. the number of bytes to
be transmitted is valid or not.
8.3.3
Receive Address Pushed to RFIFO
The address field of received frames can be pushed to the receive FIFOs (first one or
two bytes of a frame). This function is used together with extended address recognition.
It is enabled by setting control bit CCR2.RADD (CCR3.RADD2, CCR4.RADD3).
8.3.4
HDLC Data Transmission
In transmit direction 2
× 32 byte FIFO buffers are provided for each HDLC channel. After
checking the XFIFO status by polling bit SIS.XFW (SIS2.XFW2, SIS3,XFW3) or after an
interrupt ISR1.XPR (ISR5.XPR2, ISR5.XPR3, Transmit Pool Ready), up to 32 bytes can
be entered by the CPU to the XFIFOs.
The transmission of a frame can be started by issuing a XTF or XHF command via the
command registers. If the transmit command does not include an end of message
indication (CMDR.XME, CMDR3.XME2, CMDR4.XME3), the FALC56 will repeatedly
request for the next data block by means of an XPR interrupt as soon as no more than
32 bytes are stored in the XFIFO, i.e. a 32-byte pool is accessible to the CPU.
This process is repeated until the CPU indicates the end of message by XME command,
after which frame transmission is finished correctly by appending the CRC and closing
flag sequence. Consecutive frames can share a flag, or can be transmitted as back-to-
back frames, if service of the XFIFOs is fast enough.
In case no more data is available in the XFIFOs prior to the arrival of XME, the
transmission of the frame is terminated with an abort sequence and the CPU is notified
by interrupt ISR1.XDU (ISR4.XDU2, ISR5.XDU3). The frame can be aborted by software
using CMDR.SRES (CMDR3.SRES2, CMDR4.SRES3).
The data transmission sequence, from the CPU’s point of view, is outlined in Figure 78.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com