Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 205 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 205 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 201Page - Infineon Technologies AG PEB2256HT Datasheet HTML 202Page - Infineon Technologies AG PEB2256HT Datasheet HTML 203Page - Infineon Technologies AG PEB2256HT Datasheet HTML 204Page - Infineon Technologies AG PEB2256HT Datasheet HTML 205Page - Infineon Technologies AG PEB2256HT Datasheet HTML 206Page - Infineon Technologies AG PEB2256HT Datasheet HTML 207Page - Infineon Technologies AG PEB2256HT Datasheet HTML 208Page - Infineon Technologies AG PEB2256HT Datasheet HTML 209Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 205 / 490 page
background image
FALC56 V1.2
PEB 2256
Signaling Controller Operating Modes
Data Sheet
205
2002-08-27
8.3
Signaling Controller Functions
8.3.1
Transparent Transmission and Reception
When programmed in the extended transparent mode via the MODE registers
(MODE.MDS(2:0) = 111,
MODE2.MDS2(2:0)=111,
MODE3.MDS3(2:0)=111),
the
FALC56 performs fully transparent data transmission and reception without HDLC
framing, i.e. without
• flag insertion and deletion
• CRC generation and checking
• Bit stuffing
In order to enable fully transparent data transfer, bit MODE.HRAC (MODE2.HRAC2,
MODE3.HRAC3) has to be set.
Received data is always shifted into RFIFO (RFIFO2, RFIFO3).
Data transmission is always performed out of XFIFO (XFIFO2, XFIFO3) by shifting the
contents of XFIFO into the outgoing data stream directly. Transmission is initiated by
setting CMDR.XTF (04
H). A synchronization byte FFH is sent automatically before the
first byte of the XFIFO is transmitted.
Cyclic Transmission (fully transparent)
If the extended transparent mode is selected, the FALC56 supports the continuous
transmission of the contents of the transmit FIFOs.
After having written 1 to 32 bytes to XFIFO (XFIFO2, XFIFO3), the command
XREP&XTF (CMDR = 00100100 = 24
H) forces the FALC56 to transmit the data stored
in XFIFO to the remote end repeatedly.
Note: The cyclic transmission continues until a reset command (CMDR.SRES) is issued
or with resetting of CMDR.XREP, after which continuous “1”s are transmitted.
During cyclic transmission the XREP-bit has to be set with every write operation
to CMDR.
The same handling applies to CMDR2 and CMDR3 for HDLC channels 2 an 3.
8.3.2
CRC on/off Features
As an option in HDLC mode the internal handling of the received and transmitted CRC
checksum can be influenced via control bits CCR2.RCRC and CCR2.XCRC (channel 2:
CCR3.RCRC2, CCR3.XCRC2, channel 3: CCR4.RCRC3, CCR4.XCRC3).
• Receive Direction
The received CRC checksum is always assumed to be in the 2 last bytes of a frame
(CRC-ITU), immediately preceding a closing flag. If CCR2.RCRC is set, the received
CRC checksum is written to RFIFO where it precedes the frame status byte (contents of
register RSIS). The received CRC checksum is additionally checked for correctness. If



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com