Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 216 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 216 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 212Page - Infineon Technologies AG PEB2256HT Datasheet HTML 213Page - Infineon Technologies AG PEB2256HT Datasheet HTML 214Page - Infineon Technologies AG PEB2256HT Datasheet HTML 215Page - Infineon Technologies AG PEB2256HT Datasheet HTML 216Page - Infineon Technologies AG PEB2256HT Datasheet HTML 217Page - Infineon Technologies AG PEB2256HT Datasheet HTML 218Page - Infineon Technologies AG PEB2256HT Datasheet HTML 219Page - Infineon Technologies AG PEB2256HT Datasheet HTML 220Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 216 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
216
2002-08-27
After reset all control registers except the XFIFO and XS(16:1) are initialized to defined
values. Unused bits have to be cleared (logical "0").
84
PC5
R/W
Port Configuration 5
266
85
GPC1
R/W
Global Port Configuration 1
267
86
PC6
R/W
Port Configuration 6
268
87
CMDR2
W
Command Register 2
269
88
CMDR3
W
Command Register 3
269
89
CMDR4
W
Command Register 4
270
8B
CCR3
R/W
Common Control Register 3
271
8C
CCR4
R/W
Common Control Register 4
273
8D
CCR5
R/W
Common Control Register 5
274
8E
MODE2
R/W
Mode Register 2
275
8F
MODE3
R/W
Mode Register 3
276
92
GCM1
R/W
Global Counter Mode 1
277
93
GCM2
R/W
Global Counter Mode 2
277
94
GCM3
R/W
Global Counter Mode 3
278
95
GCM4
R/W
Global Counter Mode 4
278
96
GCM5
R/W
Global Counter Mode 5
279
97
GCM6
R/W
Global Counter Mode 6
279
9C
XFIFO2
W
Transmit FIFO 2
281
9D
XFIFO2
W
Transmit FIFO 2
281
9E
XFIFO3
W
Transmit FIFO 3
281
9F
XFIFO3
W
Transmit FIFO 3
281
A0
TSEO
R/W
Time Slot Even/Odd Select
281
A1
TSBS1
R/W
Time Slot Bit Select 1
282
A2
TSBS2
R/W
Time Slot Bit Select 2
283
A3
TSBS3
R/W
Time Slot Bit Select 3
283
A4
TSS2
R/W
Time Slot Select 2
284
A5
TSS3
R/W
Time Slot Select 3
284
A8
TPC0
R/W
Test Pattern Control Register 0
285
Table 58
E1 Control Register Address Arrangement (cont’d)
Address
Register
Type
Comment
Page



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com