Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 220 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 220 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 216Page - Infineon Technologies AG PEB2256HT Datasheet HTML 217Page - Infineon Technologies AG PEB2256HT Datasheet HTML 218Page - Infineon Technologies AG PEB2256HT Datasheet HTML 219Page - Infineon Technologies AG PEB2256HT Datasheet HTML 220Page - Infineon Technologies AG PEB2256HT Datasheet HTML 221Page - Infineon Technologies AG PEB2256HT Datasheet HTML 222Page - Infineon Technologies AG PEB2256HT Datasheet HTML 223Page - Infineon Technologies AG PEB2256HT Datasheet HTML 224Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
220
2002-08-27
Receive Address Byte High Register 1 (Read/Write)
Value after reset: FD
H
In operating modes that provide high byte address recognition, the high byte of the
received address is compared to the individually programmable values in RAH1 and
RAH2. The address registers are used by all HDLC channels in common.
RAH1
Value of the First Individual High Address Byte
Bit 1 (C/R-bit) is excluded from address comparison.
Receive Address Byte High Register 2 (Read/Write)
Value after reset: FF
H
RAH2
Value of Second Individual High Address Byte
Receive Address Byte Low Register 1 (Read/Write)
Value after reset: FF
H
RAL1
Value of First Individual Low Address Byte
Receive Address Byte Low Register 2 (Read/Write)
Value after reset: FF
H
RAL2
Value of the second individually programmable low address
byte.
70
RAH1
0
(04)
70
RAH2
(05)
70
RAL1
(06)
70
RAL2
(07)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com