Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 224 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 224 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 220Page - Infineon Technologies AG PEB2256HT Datasheet HTML 221Page - Infineon Technologies AG PEB2256HT Datasheet HTML 222Page - Infineon Technologies AG PEB2256HT Datasheet HTML 223Page - Infineon Technologies AG PEB2256HT Datasheet HTML 224Page - Infineon Technologies AG PEB2256HT Datasheet HTML 225Page - Infineon Technologies AG PEB2256HT Datasheet HTML 226Page - Infineon Technologies AG PEB2256HT Datasheet HTML 227Page - Infineon Technologies AG PEB2256HT Datasheet HTML 228Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
224
2002-08-27
Common Configuration Register 2 (Read/Write)
Value after reset: 00
H
Note: Unused bits have to be cleared.
RADD
Receive Address Pushed to RFIFO - HDLC Channel 1
If this bit is set, the received HDLC address information (1 or 2 bytes,
depending on the address mode selected by MODE.MDS0) is pushed
to RFIFO. This function is applicable in non-auto mode and
transparent mode 1.
RADD must be set, if SS7 mode is selected.
RCRC
Receive CRC on/off - HDLC Channel 1
Only applicable in non-auto mode.
If this bit is set, the received CRC checksum is written to RFIFO
(CRC-ITU-T: 2 bytes). The checksum, consisting of the 2 last bytes in
the received frame, is followed by the status information byte
(contents of register RSIS). The received CRC checksum is
additionally checked for correctness. If non-auto mode is selected,
the limits for “valid frame” check are modified (refer to RSIS.VFR).
XCRC
Transmit CRC on/off - HDLC Channel 1
If this bit is set, the CRC checksum is not generated internally. It has
to be written to the transmit FIFO as the last two bytes. The
transmitted frame is closed automatically with a closing flag.
Note: The FALC56 does not check whether the length of the frame,
i.e. the number of bytes to be transmitted makes sense or not.
70
CCR2
RADD
RCRC
XCRC
(0A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com