Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 228 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 228 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 224Page - Infineon Technologies AG PEB2256HT Datasheet HTML 225Page - Infineon Technologies AG PEB2256HT Datasheet HTML 226Page - Infineon Technologies AG PEB2256HT Datasheet HTML 227Page - Infineon Technologies AG PEB2256HT Datasheet HTML 228Page - Infineon Technologies AG PEB2256HT Datasheet HTML 229Page - Infineon Technologies AG PEB2256HT Datasheet HTML 230Page - Infineon Technologies AG PEB2256HT Datasheet HTML 231Page - Infineon Technologies AG PEB2256HT Datasheet HTML 232Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 228 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
228
2002-08-27
IBV
Insert bipolar violation
Note:Except for CRC defects, CRC checksum calculation is done
after defect insertion.
Framer Mode Register 0 (Read/Write)
Value after reset: 00
H
XC(1:0)
Transmit Code
Serial line code for the transmitter, independent of the receiver.
00 = NRZ (optical interface)
01 = CMI (1T2B+HDB3), (optical interface)
10 = AMI (ternary or digital dual-rail interface)
11 = HDB3 Code (ternary or digital dual-rail interface)
After changing XC(1:0), a transmitter software reset is required
(CMDR.XRES = 1).
RC(1:0)
Receive Code
Serial line code for the receiver, independent of the transmitter.
00 = NRZ (optical interface)
01 = CMI (1T2B+HDB3), (optical interface)
10 = AMI (ternary or digital dual-rail interface)
11 = HDB3 Code (ternary or digital dual-rail interface)
After changing RC(1:0), a receiver software reset is required
(CMDR.RRES = 1).
EXZE
Extended HDB3 Error Detection
Selects error detection mode.
0 =
Only double violations are detected.
1 =
Extended code violation detection: 0000 strings are detected
additionally. Incrementing of the code violation counter CVC is
done after receiving four zeros. Errors are indicated by
FRS1.EXZD = 1.
ALM
Alarm Mode
Selects the AIS alarm detection mode.
70
FMR0
XC1
XC0
RC1
RC0
EXZE
ALM
FRS
SIM
(1C)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com