| Electronic Components Datasheet Search |
|
PEB2256HT Datasheet(PDF) 231 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT Datasheet(HTML) 231 Page - Infineon Technologies AG |
|
231 / 490 page ![]() FALC56 V1.2 PEB 2256 E1 Registers Data Sheet 231 2002-08-27 1 = PCM 24 or T1/J1 mode (see RC0.SJR for T1/J1 selection). XFS Transmit Framing Select Selection of the transmit framing format can be done independently of the receive framing format. 0 = Doubleframe format enabled. 1 = CRC4-multiframe format enabled. ECM Error Counter Mode The function of the error counters is determined by this bit. 0 = Before reading an error counter the corresponding bit in the Disable Error Counter register (DEC) has to be set. In 8 bit access the low byte of the error counter should always be read before the high byte. The error counters are reset with the rising edge of the corresponding bits in the DEC register. 1 = Every second the error counter is latched and then automatically reset. The latched error counter state should be read within the next second. Reading the error counter during updating should be avoided (do not access an error counter within 1 µs after the one-second interrupt occurs). SSD0 Select System Data Rate 0 FMR1.SSD0 and SIC1.SSD1 define the data rate on the system highway. Programming is done with SSD1/SSD0 in the following table. 00 = 2.048 Mbit/s 01 = 4.096 Mbit/s 10 = 8.192 Mbit/s 11 = 16.384 Mbit/s XAIS Transmit AIS Towards Remote End Sends AIS on ports XL1, XL2, XOID towards the remote end. The outgoing data stream which can be looped back through the local loop to the system interface is not affected. |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |