Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 227 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 227 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 223Page - Infineon Technologies AG PEB2256HT Datasheet HTML 224Page - Infineon Technologies AG PEB2256HT Datasheet HTML 225Page - Infineon Technologies AG PEB2256HT Datasheet HTML 226Page - Infineon Technologies AG PEB2256HT Datasheet HTML 227Page - Infineon Technologies AG PEB2256HT Datasheet HTML 228Page - Infineon Technologies AG PEB2256HT Datasheet HTML 229Page - Infineon Technologies AG PEB2256HT Datasheet HTML 230Page - Infineon Technologies AG PEB2256HT Datasheet HTML 231Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 227 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
227
2002-08-27
Interrupt Mask Register 0 to 5 (Read/Write)
Value after reset: FF
H, FFH, FFH, FFH, FFH
IMR(5:0)
Interrupt Mask Register
Each interrupt source can generate an interrupt signal on port INT
(characteristics of the output stage are defined by register IPC). A “1”
in a bit position of IMR(5:0) sets the mask active for the interrupt
status in ISR(5:0). Masked interrupt statuses neither generate a
signal on INT, nor are they visible in register GIS. Moreover, they are
- not displayed in the interrupt status register if bit GCR.VIS is cleared
- displayed in the interrupt status register if bit GCR.VIS is set
Note: After reset, all interrupts are disabled.
Single Bit Defect Insertion Register (Read/Write)
Value after reset: 00
H
After setting the corresponding bit, the selected defect is inserted into the transmit data
stream at the next possible position. After defect insertion is completed, the bit is reset
automatically.
IFASE
Insert single FAS defect
IMFE
Insert single multiframe defect
ICRCE
Insert single CRC defect
ICASE
Insert single CAS defect
IPE
Insert single PRBS defect
70
IMR0
RME
RFS
T8MS
RMB
CASC
CRC4
SA6SC
RPF
(14)
IMR1
LLBSC
RDO
ALLS
XDU
XMB
SUEX
XLSC
XPR
(15)
IMR2
FAR
LFA
MFAR
T400MS
AIS
LOS
RAR
RA
(16)
IMR3
ES
SEC
LMFA16
AIS16
RA16
RSN
RSP
(17)
IMR4
XSP
XSN
RME2
RFS2
RDO2
ALLS2
XDU2
RPF2
(18)
IMR5
XPR2
XPR3
RME3
RFS3
RDO3
ALLS3
XDU3
RPF3
(19)
IERR
IFASE
IMFE
ICRCE
ICASE
IPE
IBV
(1B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com