Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 225 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 225 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 221Page - Infineon Technologies AG PEB2256HT Datasheet HTML 222Page - Infineon Technologies AG PEB2256HT Datasheet HTML 223Page - Infineon Technologies AG PEB2256HT Datasheet HTML 224Page - Infineon Technologies AG PEB2256HT Datasheet HTML 225Page - Infineon Technologies AG PEB2256HT Datasheet HTML 226Page - Infineon Technologies AG PEB2256HT Datasheet HTML 227Page - Infineon Technologies AG PEB2256HT Datasheet HTML 228Page - Infineon Technologies AG PEB2256HT Datasheet HTML 229Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 225 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
225
2002-08-27
Receive Time Slot Register 1 to 4 (Read/Write)
Value after reset: 00
H, 00H, 00H, 00H
TS(31:0)
Time Slot
These bits define the received time slots on the system highway port
RDO to be extracted to RFIFO and marked. Additionally these
registers control the RSIGM marker which can be forced high during
the corresponding time slots independently of bit CCR1.EITS.
A one in the RTR(4:1) bits samples the corresponding time slots and
send their data to the RFIFO of the signaling controller if bit
CCR1.EITS is set.
Assignments:
TS0
→Time slot 0
...
TS31
→ Time slot 31
0 =The corresponding time slot is not extracted and stored into
the RFIFO.
1
= The contents of the selected time slot is stored in the RFIFO.
Although the idle time slots can be selected. This function is
activated, if bit CCR1.EITS is set.
The corresponding time slot is forced high on marker pin
RSIGM.
70
RTR1
TS0
TS1
TS2
TS3
TS4
TS5
TS6
TS7
(0C)
RTR2
TS8
TS9
TS10
TS11
TS12
TS13
TS14
TS15
(0D)
RTR3
TS16
TS17
TS18
TS19
TS20
TS21
TS22
TS23
(0E)
RTR4
TS24
TS25
TS26
TS27
TS28
TS29
TS30
TS31
(0F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com