Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 263 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 263 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 259Page - Infineon Technologies AG PEB2256HT Datasheet HTML 260Page - Infineon Technologies AG PEB2256HT Datasheet HTML 261Page - Infineon Technologies AG PEB2256HT Datasheet HTML 262Page - Infineon Technologies AG PEB2256HT Datasheet HTML 263Page - Infineon Technologies AG PEB2256HT Datasheet HTML 264Page - Infineon Technologies AG PEB2256HT Datasheet HTML 265Page - Infineon Technologies AG PEB2256HT Datasheet HTML 266Page - Infineon Technologies AG PEB2256HT Datasheet HTML 267Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 263 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
263
2002-08-27
Transmit CAS Register (Write)
Value after reset: not defined
Transmit CAS Register (16:1)
The transmit CAS register access is enabled by setting bit XSP.CASEN = 1. Each
register except XS1 contains the CAS bits for two time slots. With the transmit multiframe
begin ISR1.XMB the contents of these registers is copied into a shadow register. The
contents is sent out subsequently in the time slots 16 of the outgoing data stream.
Note:
If ISR1.XMB is not used and the write access to these registers is done exact in
the moment when this interrupt is generated, data is lost.
XS1.7 is sent out first and XS16.0 is sent last. The transmit multiframe begin interrupt
(XMB) requests that these registers should be serviced. If requests for new information
are ignored, current contents is repeated. XS1 has to be programmed with the
multiframe pattern. This pattern should always stay low otherwise the remote end loses
its synchronization. With setting the Y-bit a remote alarm is transmitted to the far end.
The X bits (spare bits) should be set if they are not used.
Table 59
Transmit CAS Registers (E1)
70
XS1
00
00
X
Y
X
X
(70)
XS2
A1
B1
C1
D1
A16
B16
C16
D16
(71)
XS3
A2
B2
C2
D2
A17
B17
C17
D17
(72)
XS4
A3
B3
C3
D3
A18
B18
C18
D18
(73)
XS5
A4
B4
C4
D4
A19
B19
C19
D19
(74)
XS6
A5
B5
C5
D5
A20
B20
C20
D20
(75)
XS7
A6
B6
C6
D6
A21
B21
C21
D21
(76)
XS8
A7
B7
C7
D7
A22
B22
C22
D22
(77)
XS9
A8
B8
C8
D8
A23
B23
C23
D23
(78)
XS10
A9
B9
C9
D9
A24
B24
C24
D24
(79)
XS11
A10
B10
C10
D10
A25
B25
C25
D25
(7A)
XS12
A11
B11
C11
D11
A26
B26
C26
D26
(7B)
XS13
A12
B12
C12
D12
A27
B27
C27
D27
(7C)
XS14
A13
B13
C13
D13
A28
B28
C28
D28
(7D)
XS15
A14
B14
C14
D14
A29
B29
C29
D29
(7E)
XS16
A15
B15
C15
D15
A30
B30
C30
D30
(7F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com