Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 265 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 265 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 261Page - Infineon Technologies AG PEB2256HT Datasheet HTML 262Page - Infineon Technologies AG PEB2256HT Datasheet HTML 263Page - Infineon Technologies AG PEB2256HT Datasheet HTML 264Page - Infineon Technologies AG PEB2256HT Datasheet HTML 265Page - Infineon Technologies AG PEB2256HT Datasheet HTML 266Page - Infineon Technologies AG PEB2256HT Datasheet HTML 267Page - Infineon Technologies AG PEB2256HT Datasheet HTML 268Page - Infineon Technologies AG PEB2256HT Datasheet HTML 269Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 265 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
265
2002-08-27
010 =RMFB: Receive Multiframe Begin (Output)
Marks the beginning of every received multiframe or optionally
the begin of every CAS multiframe begin (active high).
011 = RSIGM: Receive Signaling Marker (Output)
Marks the time slots which are defined by register RTR(4:1) of
every frame on port RDO.
100 = RSIG: Receive Signaling Data (Output)
The received CAS multiframe is transmitted on this pin. Time
slot on RSIG correlates directly to the time slot assignment on
RDO.
101 = DLR: Data Link Bit Receive (Output)
Marks the S
a-bits within the data stream on RDO.
110 = FREEZE: Freeze Signaling (Output)
The freeze signaling status is active high by detecting a loss-of-
signal alarm, or a loss of CAS frame alignment or a receive slip
(positive or negative). It stays high for at least one complete
multiframe after the alarm disappears. Setting SIC2.FFS
enforces a high on pin FREEZE.
111 = RFSP: Receive Frame Synchronous Pulse (Output)
Marks the frame begin in the receivers synchronous state. This
marker is active low for 488 ns with a frequency of 8 kHz.
XPC(3:0)
Transmit multifunction Port Configuration
The multifunction ports XP(A to D) are bidirectional. After Reset these
ports are configured as inputs. With the selection of the pin function
the In/Output configuration is also achieved. Each of the four different
input functions (SYPX, XMFS, XSIG, TCLK) may only be selected
once. No input function must be selected twice or more. SYPX and
XMFS should not be selected in parallel. Register PC1 configures
port XPA, while PC2
→ port XPB, PC3 → port XPC and PC4 → port
XPD.
0000 = SYPX: Synchronous Pulse Transmit (Input)
Together with register XC(1:0) SYPX defines the frame begin
on the transmit system interface ports XDI and XSIG.
0001 = XMFS: Transmit Multiframe Synchronization (Input)
Together with register XC(1:0) XMFS defines the frame and
multiframe begin on the transmit system interface ports XDI
and XSIG. Depending on PC5.CXMFS the signal on XMFS is
active high or low.
0010 = XSIG: Transmit Signaling Data (Input)
Input for transmit signaling data received from the signaling



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com