| Electronic Components Datasheet Search |
|
PEB2256HT Datasheet(PDF) 269 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
PEB2256HT Datasheet(HTML) 269 Page - Infineon Technologies AG |
|
269 / 490 page ![]() FALC56 V1.2 PEB 2256 E1 Registers Data Sheet 269 2002-08-27 Command Register 2 (Write) Value after reset: 00 H RSUC Reset Signaling Unit Counter After setting this bit the SS7 signaling unit counter and error counter are reset.The bit is cleared automatically after execution. Note: The maximum time between writing to the CMDR2 register and the execution of the command takes 2.5 periods of the current system data rate. Therefore, if the CPU operates with a very high clock rate in comparison with the FALC56's clock, it is recommended that bit SIS.CEC should be checked before writing to the CMDR2 register to avoid any loss of commands. Command Register 3 (Write) Value after reset: 00 H RMC2 Receive Message Complete - HDLC Channel 2 Confirmation from CPU to FALC ® that the current frame or data block has been fetched following an RPF2 or RME2 interrupt, thus the occupied space in the RFIFO2 can be released. XREP2 Transmission Repeat - HDLC Channel 2 If XREP2 is set together with XTF2 (write 24H to CMDR3), the FALC ® repeatedly transmits the contents of the XFIFO2 (1 to 32 bytes) without HDLC framing fully transparently, i.e. without flag, CRC. The cyclic transmission is stopped with an SRES2 command or by resetting XREP2. XHF2 Transmit HDLC Frame - HDLC Channel 2 After having written up to 32 bytes to the XFIFO2, this command initiates the transmission of a HDLC frame. CMDR2 RSUC (x87) 70 CMDR3 RMC2 XREP2 XHF2 XTF2 XME2 SRES2 (88) |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |