Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 266 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 266 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 262Page - Infineon Technologies AG PEB2256HT Datasheet HTML 263Page - Infineon Technologies AG PEB2256HT Datasheet HTML 264Page - Infineon Technologies AG PEB2256HT Datasheet HTML 265Page - Infineon Technologies AG PEB2256HT Datasheet HTML 266Page - Infineon Technologies AG PEB2256HT Datasheet HTML 267Page - Infineon Technologies AG PEB2256HT Datasheet HTML 268Page - Infineon Technologies AG PEB2256HT Datasheet HTML 269Page - Infineon Technologies AG PEB2256HT Datasheet HTML 270Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 266 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
266
2002-08-27
highway. Optionally sampling of XSIG data is controlled by
the active high XSIGM marker.
0011 = TCLK: Transmit Clock (Input)
A 2.048/8.192 MHz clock has to be sourced by the system if
the internal generated transmit clock (DCO-X) is not used.
Optionally this input is used as a synchronization clock for the
DCO-X circuitry with a frequency of 2.048 MHz.
0100 = XMFB: Transmit Multiframe Begin (Output)
Marks the beginning of every transmit multiframe.
0101 = XSIGM: Transmit Signaling Marker (Output)
Marks the time slots which are defined by register TTR(4:1) of
every frame on port XDI.
0110 = DLX: Data Link Bit Transmit (Output)
Marks the S
a-bits within the data stream on XDI.
0111 = XCLK: Transmit Line Clock (Output)
Frequency: 2.048 MHz
1000 = XLT: Transmit Line Tristate (Input)
With a high level on this port the transmit lines XL1/2 or
XDOP/N are set directly into tristate. This pin function is
logically ored with register XPM2.XLT.
Port Configuration 5 (Read/Write)
Value after reset: 00H
CCLK2
Configure CLK2 Port
0 =
CLK2 is input
1 =
CLK2 is output (only, if DCO-X is active)
CCLK1
Configure CLK1 Port
0 =
CLK1 is input
1 =
CLK1 is output (only, if DCO-R is active)
70
PC5
CCLK2
CCLK1
CXMFS
0
CSRP
CRP
(84)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com