Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 261 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 261 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 257Page - Infineon Technologies AG PEB2256HT Datasheet HTML 258Page - Infineon Technologies AG PEB2256HT Datasheet HTML 259Page - Infineon Technologies AG PEB2256HT Datasheet HTML 260Page - Infineon Technologies AG PEB2256HT Datasheet HTML 261Page - Infineon Technologies AG PEB2256HT Datasheet HTML 262Page - Infineon Technologies AG PEB2256HT Datasheet HTML 263Page - Infineon Technologies AG PEB2256HT Datasheet HTML 264Page - Infineon Technologies AG PEB2256HT Datasheet HTML 265Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 261 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
261
2002-08-27
Global Configuration Register (Read/Write)
Value after reset: 00H
VIS
Masked Interrupts Visible
0 =
Masked interrupt status bits are not visible in registers ISR(5:0).
1 =
Masked interrupt status bits are visible in ISR(5:0), but they are
not visible in register GIS.
SCI
Status Change Interrupt
0 =
Interrupts are generated either on activation or deactivation of
the internal interrupt source.
1 =
The following interrupts are activated both on activation and
deactivation of the internal interrupt source:
ISR2.LOS, ISR2.AIS, ISR3.LMFA16
SES
Select External Second Timer
0 =
Internal second timer selected
1 =
External second timer selected
ECMC
Error Counter Mode COFA
0 =
The S
a6-bit error indications are accumulated in the error
counter CEC3L/H.
1 =
A Change of Frame or Multiframe Alignment COFA is detected
since the last resynchronization. The events are accumulated
in the error counter CEC3L.(1:0).
Multiframe periods received in the asynchronous state are
accumulated in the error counter CEC3L.7-2.
An overflow of each counter is disabled.
PD
Power Down
Switches between power-up and power-down mode.
0=
Power up
1=
Power down
All outputs are driven inactive; multifunction ports are driven
high by the weak internal pullup device.
70
GCR
VIS
SCI
SES
ECMC
PD
(46)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com