Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 257 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 257 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 253Page - Infineon Technologies AG PEB2256HT Datasheet HTML 254Page - Infineon Technologies AG PEB2256HT Datasheet HTML 255Page - Infineon Technologies AG PEB2256HT Datasheet HTML 256Page - Infineon Technologies AG PEB2256HT Datasheet HTML 257Page - Infineon Technologies AG PEB2256HT Datasheet HTML 258Page - Infineon Technologies AG PEB2256HT Datasheet HTML 259Page - Infineon Technologies AG PEB2256HT Datasheet HTML 260Page - Infineon Technologies AG PEB2256HT Datasheet HTML 261Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 257 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
257
2002-08-27
RESX
Rising Edge Synchronous Pulse Transmit
Depending on this bit all transmit system interface data and marker
are clocked or sampled with the selected active edge.
CMR2.IXSC = 0:
0
latched with the first falling edge of the selected PCM highway
clock.
1
latched with the first rising edge of the selected PCM highway
clock.
CMR2.IXSC = 1:
value of RESX bit has no impact on the selected edge of the PCM
highway clock but value of RESR bit is used as RESX.
Example: If RESR = 0, the rising edge of PCM highway clock is the
selected one for sampling data on XDI and vice versa.
RESR
Rising Edge Synchronous Pulse Receive
Depending on this bit all receive system interface data and marker are
clocked with the selected active edge.
0 =
Latched with the first falling edge of the selected PCM highway
clock.
1 =
Latched with the first rising edge of the selected PCM highway
clock.
Note: If bit CMR2.IRSP is set, the behavior of signal RFM (if used) is
inverse (1 = falling edge, 0 = rising edge)
TTRF
TTR Register Function (Fractional E1 Access)
Setting this bit the function of the TTR(4:1) registers is changed. A
one in each TTR register forces the XSIGM marker high for the
corresponding time slot and controls sampling of the time slots
provided on pin XSIG. XSIG is selected by PC(4:1).XPC(3:0).
DAF
Disable Automatic Freeze
0 =
Signaling is automatically frozen if one of the following alarms
occurred: Loss-Of-Signal (FRS0.LOS), Loss of CAS Frame
Alignment (FRS1.TS16LFA), or receive slips (ISR3.RSP/N).
1 =
Automatic freezing of signaling data is disabled. Updating of the
signaling buffer is also done if one of the above described alarm
conditions is active. However, updating of the signaling buffer
is stopped if SIC2.FFS is set. Significant only if the serial
signaling access is enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com