Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 256 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 256 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 252Page - Infineon Technologies AG PEB2256HT Datasheet HTML 253Page - Infineon Technologies AG PEB2256HT Datasheet HTML 254Page - Infineon Technologies AG PEB2256HT Datasheet HTML 255Page - Infineon Technologies AG PEB2256HT Datasheet HTML 256Page - Infineon Technologies AG PEB2256HT Datasheet HTML 257Page - Infineon Technologies AG PEB2256HT Datasheet HTML 258Page - Infineon Technologies AG PEB2256HT Datasheet HTML 259Page - Infineon Technologies AG PEB2256HT Datasheet HTML 260Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 256 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
256
2002-08-27
one eighth of the time slot. Data is not repeated. The time while data
is active during a 8
× 488 ns time slot is called a channel phase. RDO/
RSIG are cleared (driven to low level) while XDI/XSIG are ignored for
the remaining time of the 8
× 488 ns or for the remaining channel
phases. The channel phases are selectable with these bits.
000 = Data active in channel phase 1, valid if system data rate is
16
⁄8⁄4 Mbit/s
001 = Data active in channel phase 2, valid if system data rate is
16
⁄8⁄4 Mbit/s
010 =Data active in channel phase 3, valid if data rate is 16/8 Mbit/s
011 = Data active in channel phase 4, valid if data rate is 16/8 Mbit/s
100 = Data active in channel phase 5, valid if data rate is 16 Mbit/s
101 = Data active in channel phase 6, valid if data rate is 16 Mbit/s
110 = Data active in channel phase 7, valid if data rate is 16 Mbit/s
111 = Data active in channel phase 8, valid if data rate is 16 Mbit/s
System Interface Control 3 (Read/Write)
Value after reset: 00H
CASMF
CAS Multiframe Begin Marker
0 =
The time slot 0 multiframe begin is asserted on pin RP(A to D)/
pin function RMFB.
1 =
The time slot 16 CAS multiframe begin is asserted on pin RP(A
to D)/pin function RMFB.
70
SIC3
CASMF
RESX
RESR
TTRF
DAF
(40)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com