Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 255 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 255 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 251Page - Infineon Technologies AG PEB2256HT Datasheet HTML 252Page - Infineon Technologies AG PEB2256HT Datasheet HTML 253Page - Infineon Technologies AG PEB2256HT Datasheet HTML 254Page - Infineon Technologies AG PEB2256HT Datasheet HTML 255Page - Infineon Technologies AG PEB2256HT Datasheet HTML 256Page - Infineon Technologies AG PEB2256HT Datasheet HTML 257Page - Infineon Technologies AG PEB2256HT Datasheet HTML 258Page - Infineon Technologies AG PEB2256HT Datasheet HTML 259Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 255 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
255
2002-08-27
System Interface Control 2 (Read/Write)
Value after reset: 00H
FFS
Force Freeze Signaling
Setting this bit disables updating of the receive signaling buffer and
current signaling information is frozen. After resetting this bit and
receiving a complete superframe updating of the signaling buffer is
started again. The freeze signaling status can also be automatically
generated by detecting the loss-of-signal alarm or a loss of CAS
frame alignment or a receive slip (only if external register access on
pin RSIG is enabled). This automatic freeze signaling function is
logically ored with this bit.
The current internal freeze signaling status is output on pin RPA to
RPD
using
pin
function
FREEZE
which
is
selected
by
PC(4:1).RPC(2:0) = 110. Additionally, this status is also available in
register SIS.SFS.
SSF
Serial Signaling Format
Only applicable if pin function RSIG/XSIG and SIC3.TTRF = 0 is
selected.
0 =
Bits 1 to 4 in all time slots except time slots 0 and16 are cleared.
1 =
Bits 1 to 4 in all time slots except time slots 0 and16 are set
high.
CRB
Center Receive Elastic Buffer
Only
applicable
if
the
time
slot
assigner
is
disabled
(PC(4:1).RPC(2:0) = 001
B), no external or internal synchronous pulse
receive is generated.
A transition from low to high forces a receive slip and the read- pointer
of the receive elastic buffer is centered. The delay through the buffer
is set to one half of the current buffer size. It should be hold high for
at least two 2.048 MHz periods before it is cleared.
SICS(2:0)
System Interface Channel Select
Only applicable if the system clock rate is greater than 2.048 MHz.
Received data is transmitted on pin RDO/RSIG or received on XDI/
XSIG with the selected system data rate. If the data rate is greater
than 2.048 Mbit/s the data is output or sampled in half, a quarter or
70
SIC2
FFS
SSF
CRB
SICS2
SICS1
SICS0
(3F)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com