Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 254 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 254 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 250Page - Infineon Technologies AG PEB2256HT Datasheet HTML 251Page - Infineon Technologies AG PEB2256HT Datasheet HTML 252Page - Infineon Technologies AG PEB2256HT Datasheet HTML 253Page - Infineon Technologies AG PEB2256HT Datasheet HTML 254Page - Infineon Technologies AG PEB2256HT Datasheet HTML 255Page - Infineon Technologies AG PEB2256HT Datasheet HTML 256Page - Infineon Technologies AG PEB2256HT Datasheet HTML 257Page - Infineon Technologies AG PEB2256HT Datasheet HTML 258Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 254 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
254
2002-08-27
System Interface Control 1 (Read/Write)
Value after reset: 00H
SSC(1:0)
Select System Clock
SIC1.SSC(1:0) define the clocking rate on the system highway.
00 = 2.048 MHz
01 = 4.096 MHz
10 = 8.192 MHz
11 = 16.384 MHz
SSD1
Select System Data Rate 1
SIC1.SSD1 and FMR1.SSD0 define the data rate on the system
highway. Programming SSD1/SSD0 and corresponding data rate is
shown below.
00 = 2.048 Mbit/s
01 = 4.096 Mbit/s
10 = 8.192 Mbit/s
11 = 16.384 Mbit/s
RBS(1:0)
Receive Buffer Size
00 = Buffer size: 2 frames
01 = Buffer size: 1 frame
10 = Buffer size: 96 bits
11 = bypass of receive elastic store
BIM
Bit Interleaved Mode
0 =
Byte interleaved mode
1 =
Bit interleaved mode
XBS(1:0)
Transmit Buffer Size
00 = Bypass of transmit elastic store
01 = Buffer size: 1 frame
10 = Buffer size: 2 frames
11 = Buffer size: 96 bits
70
SIC1
SSC1
SSD1
RBS1
RBS0
SSC0
BIM
XBS1
XBS0
(3E)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com