Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 250 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 250 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG PEB2256HT Datasheet HTML 248Page - Infineon Technologies AG PEB2256HT Datasheet HTML 249Page - Infineon Technologies AG PEB2256HT Datasheet HTML 250Page - Infineon Technologies AG PEB2256HT Datasheet HTML 251Page - Infineon Technologies AG PEB2256HT Datasheet HTML 252Page - Infineon Technologies AG PEB2256HT Datasheet HTML 253Page - Infineon Technologies AG PEB2256HT Datasheet HTML 254Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 250 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
250
2002-08-27
Pulse Count Recovery (Read/Write)
Value after reset: 00
H
PCR(7:0)
Pulse Count Recovery
A LOS alarm is cleared if a pulse-density is detected in the received
bit stream. The number of pulses M which must occur in the
predefined PCD time interval is programmable by the PCR register
and can be calculated as follows:
M = N+1; with 0
≤ N ≤ 255.
The time interval starts with the first detected pulse transition. With
every received pulse a counter is incremented and the actual counter
is compared to the contents of PCR register. If the pulse number is
higher or equal to the PCR value the LOS alarm is reset otherwise the
alarm stays active. In this case the next detected pulse transition
starts a new time interval.
Line Interface Mode 2 (Read/Write)
Value after reset: 20H
SLT(1:0)
Receive Slicer Threshold
00 = The receive slicer generates a mark (digital one) if the voltage
at RL1/2 exceeds 55% of the peak amplitude.
01 = The receive slicer generates a mark (digital one) if the voltage
at RL1/2 exceeds 67% of the peak amplitude (recommended in
some T1/J1 applications).
10 = The receive slicer generates a mark (digital one) if the voltage
at RL1/2 exceeds 50% of the peak amplitude (default,
recommended in E1 mode).
11 = The receive slicer generates a mark (digital one) if the voltage
at RL1/2 exceeds 45% of the peak amplitude.
70
PCR
PCR7
PCR0
(39)
70
LIM2
SLT1
SLT0
SCF
ELT
(3A)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com