Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 247 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 247 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 243Page - Infineon Technologies AG PEB2256HT Datasheet HTML 244Page - Infineon Technologies AG PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG PEB2256HT Datasheet HTML 248Page - Infineon Technologies AG PEB2256HT Datasheet HTML 249Page - Infineon Technologies AG PEB2256HT Datasheet HTML 250Page - Infineon Technologies AG PEB2256HT Datasheet HTML 251Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 247 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
247
2002-08-27
Line Interface Mode 0 (Read/Write)
Value after reset: 00H
XFB
Transmit Full Bauded Mode
Only applicable for dual-rail mode (bit LIM1.DRS = 1).
0 =
Output signals XDOP/XDON are half bauded.
1 =
Output signals XDOP/XDON are full bauded.
Note: If CMI coding is selected (FMR0.XC(1:0) = 01) this bit has to
be cleared.
XDOS
Transmit Data Out Sense
0 =
Output signals XDOP/XDON are active low. Output XOID is
active high (normal operation).
1 =
Output signals XDOP/XDON are active high. Output XOID is
active low.
Note: If CMI coding is selected (FMR0.XC(1:0) = 01) this bit has to
be cleared.
The transmit frame marker XFM is independent of this bit.
EQON
Receive Equalizer On
0 =
-10 dB receiver, short-haul mode
1 =
-43 dB receiver, long-haul mode
RLM
Receive Line Monitoring
0 =
Normal receiver mode
1 =
Receiver mode for receive line monitoring;
the receiver sensitivity is increased to detect resistively
attenuated signals of -20 dB (short-haul mode only)
LL
Local Loop
0 =
Normal operation
1 =
Local loop active. The local loop-back mode disconnects the
receive lines RL1/RL2 or RDIP/RDIN from the receiver. Instead
of the signals coming from the line the data provided by system
interface are routed through the analog receiver back to the
system interface. The unipolar bit stream is transmitted
70
LIM0
XFB
XDOS
EQON
RLM
LL
MAS
(36)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com