Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 244 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 244 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 240Page - Infineon Technologies AG PEB2256HT Datasheet HTML 241Page - Infineon Technologies AG PEB2256HT Datasheet HTML 242Page - Infineon Technologies AG PEB2256HT Datasheet HTML 243Page - Infineon Technologies AG PEB2256HT Datasheet HTML 244Page - Infineon Technologies AG PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG PEB2256HT Datasheet HTML 248Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 244 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
244
2002-08-27
Transmit S
a(8:4) Register (Read/Write)
Value after reset: 00
H, 00H, 00H, 00H, 00H
XSA(8:4)
Transmit Sa-Bit Data
The S
a-bit register access is enabled by setting bit FMR1.ENSA = 1.
With the transmit multiframe begin an interrupt ISR1.XMB is
generated and the contents of these registers XSA(8:4) is copied into
a shadow register. The contents is subsequently sent out in the
service words of the next outgoing CRC multiframe (or doubleframes)
if none of the time slot 0 transparent modes is enabled. XS40 is sent
out in bit position 4 in frame 1, XS47 in frame 15. The transmit
multiframe begin interrupt XMB request that these registers should be
serviced. If requests for new information are ignored, current contents
is repeated.
70
XSA4
XS47
XS46
XS45
XS44
XS43
XS42
XS41
XS40
(2C)
XSA5
XS57
XS56
XS55
XS54
XS53
XS52
XS51
XS50
(2D)
XSA6
XS67
XS66
XS65
XS64
XS63
XS62
XS61
XS60
(2E)
XSA7
XS77
XS76
XS75
XS74
XS73
XS72
XS71
XS70
(2F)
XSA8
XS87
XS86
XS85
XS84
XS83
XS82
XS81
XS80
(30)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com