Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 243 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 243 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 239Page - Infineon Technologies AG PEB2256HT Datasheet HTML 240Page - Infineon Technologies AG PEB2256HT Datasheet HTML 241Page - Infineon Technologies AG PEB2256HT Datasheet HTML 242Page - Infineon Technologies AG PEB2256HT Datasheet HTML 243Page - Infineon Technologies AG PEB2256HT Datasheet HTML 244Page - Infineon Technologies AG PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 243 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
243
2002-08-27
TSA(8:4)
Transparent S
a(8:4)-Bit
0 =
The S
a(8:4)-bits are generated internally.
1 =
The S
a(8:4)-bits are taken from port XDI or from the internal
signaling controller if enabled and transparently passed
through the FALC56 without any changes. The internal
information of the FALC56 (registers XSW and XSA(8:4)) is
ignored.
Idle Channel Code Register (Read/Write)
Value after reset: 00
H
IDL(7:0)
Idle Channel Code
If channel loop-back is enabled by programming LOOP.ECLB = 1,
the contents of the assigned outgoing channel on ports XL1/XL2 or
XDOP/XDON is set equal to the idle channel code selected by this
register.
Additionally, the specified pattern overwrites the contents of all
channels selected by the idle channel registers ICB(4:1). IDL7 is
transmitted first.
70
IDLE
IDL7
IDL0
(2B)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com