Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 245 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 245 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 241Page - Infineon Technologies AG PEB2256HT Datasheet HTML 242Page - Infineon Technologies AG PEB2256HT Datasheet HTML 243Page - Infineon Technologies AG PEB2256HT Datasheet HTML 244Page - Infineon Technologies AG PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG PEB2256HT Datasheet HTML 248Page - Infineon Technologies AG PEB2256HT Datasheet HTML 249Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 245 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
245
2002-08-27
Framer Mode Register 3 (Read/Write)
Value after reset: 00
H
XLD
Transmit LLB Down Code
0 =
Normal operation.
1 =
A one in this bit position causes the transmitter to replace
normal transmit data with the LLB down (deactivate) Code
continuously until this bit is reset. The LLB down Code is
optionally overwritten by the time slot 0 depending on bit
LCR1.FLLB.
XLU
Transmit LLB UP Code
0 =
Normal operation.
1 =
A one in this bit position causes the transmitter to replace
normal transmit data with the LLB UP Code continuously until
this bit is reset. The LLB UP Code is overwritten by the time slot
0 depending on bit LCR1.FLLB. For proper operation bit
FMR3.XLD must be cleared.
CMI
Select CMI Precoding
Only valid if CMI code (FMR0.XC(1:0) = 01) is selected. This bit
defines the CMI precoding and influences transmit and receive data.
0 =
CMI with HDB3 precoding
1 =
CMI without HDB3 precoding
Note: Before local loop is selected, HDB3 precoding has to be
disabled.
SA6SY
Receive S
a6-Access Synchronous Mode
Only valid if multiframe format (FMR2.RFS(1:0) = 1x) is selected.
0 =
The detection of the predefined S
a6-bit pattern (refer to chapter
S
a6-bit
detection
according
to
ETS
300233)
is
done
independently of the multiframe synchronous state.
1 =
The detection of the S
a6-bit pattern is done synchronously to
the multiframe.
70
FMR3
XLD
XLU
CMI
SA6SY
EXTIW
(31)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com