Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 249 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 249 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG PEB2256HT Datasheet HTML 248Page - Infineon Technologies AG PEB2256HT Datasheet HTML 249Page - Infineon Technologies AG PEB2256HT Datasheet HTML 250Page - Infineon Technologies AG PEB2256HT Datasheet HTML 251Page - Infineon Technologies AG PEB2256HT Datasheet HTML 252Page - Infineon Technologies AG PEB2256HT Datasheet HTML 253Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 249 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
249
2002-08-27
JATT, RL
Remote Loop Transmit Jitter Attenuator
00 = Normal operation. The remote loop transmit jitter attenuator is
disabled. Transmit data bypasses the remote loop jitter
attenuator buffer.
01 = Remote loop active without remote loop transmit jitter
attenuator enabled. Transmit data bypasses the remote loop
jitter attenuator buffer.
10 = not defined
11 = Remote loop and remote loop jitter attenuator active. Received
data from pins RL1/2 or RDIP/N or ROID is sent "jitter-free" on
ports XL1/2 or XDOP/N or XOID. The de-jittered clock is
generated by the DCO-X circuitry.
Note: JATT is only used to define the jitter attenuation during remote
loop operation. Jitter attenuation during normal operation is
not affected.
DRS
Dual-Rail Select
0 =
The ternary interface is selected. Multifunction ports RL1/2 and
XL1/2 become analog in/outputs.
1 =
The digital dual-rail interface is selected. Received data is
latched on multifunction ports RDIP/RDIN while transmit data is
output on pins XDOP/XDON.
Pulse Count Detection Register (Read/Write)
Value after reset: 00
H
PCD(7:0)
Pulse Count Detection
A LOS alarm is detected if the incoming data stream has no
transitions for a programmable number T consecutive pulse
positions. The number T is programmable by the PCD register and
can be calculated as follows:
T=16
× (N+1); with 0 ≤ N ≤ 255.
The maximum time is: 256
× 16 × 488 ns = 2 ms. Every detected
pulse resets the internal pulse counter. The counter is clocked with
the receive clock RCLK.
70
PCD
PCD7
PCD0
(38)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com