Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 248 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 248 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 244Page - Infineon Technologies AG PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG PEB2256HT Datasheet HTML 247Page - Infineon Technologies AG PEB2256HT Datasheet HTML 248Page - Infineon Technologies AG PEB2256HT Datasheet HTML 249Page - Infineon Technologies AG PEB2256HT Datasheet HTML 250Page - Infineon Technologies AG PEB2256HT Datasheet HTML 251Page - Infineon Technologies AG PEB2256HT Datasheet HTML 252Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 248 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
248
2002-08-27
undisturbedly on the line. Receiver and transmitter coding must
be identical. Operates in analog and digital line interface mode.
In analog line interface mode data is transferred through the
complete analog receiver.
MAS
Master Mode
0 =
Slave mode
1 =
Master mode on. Setting this bit the DCO-R circuitry is
frequency synchronized to the clock (2.048 MHz or 8 kHz, see
IPC.SSYF) supplied by SYNC. If this pin is connected to V
SS or
V
DD (or left open and pulled up to VDD internally) the DCO-R
circuitry is centered and no receive jitter attenuation is
performed (only if 2.048 MHz clock is selected by resetting bit
IPC.SSYF). The generated clocks are stable.
Line Interface Mode 1 (Read/Write)
Value after reset: 00
H
CLOS =
Clear data in case of LOS
0 =
Normal receiver mode, receive data stream is transferred
normally in long-haul mode
1 =
In long-haul mode received data is cleared (driven to low level),
as soon as LOS is detected
RIL(2:0)
Receive Input Threshold
Only valid if analog line interface is selected (LIM1.DRS = 0).
“No signal” is declared if the voltage between pins RL1 and RL2 drops
below the limits programmed by bits RIL(2:0) and the received data
stream has no transition for a period defined in the PCD register.
The threshold where “no signal” is declared is programmable by the
RIL(2:0) bits depending on bit LIM0.EQON.
Note: LIM1.RIL(2:0) must be programmed before LIM0.EQON = 1 is
set.
See DC characteristics for detail.
70
LIM1
CLOS
RIL2
RIL1
RIL0
JATT
RL
DRS
(37)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com