Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 242 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 242 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 238Page - Infineon Technologies AG PEB2256HT Datasheet HTML 239Page - Infineon Technologies AG PEB2256HT Datasheet HTML 240Page - Infineon Technologies AG PEB2256HT Datasheet HTML 241Page - Infineon Technologies AG PEB2256HT Datasheet HTML 242Page - Infineon Technologies AG PEB2256HT Datasheet HTML 243Page - Infineon Technologies AG PEB2256HT Datasheet HTML 244Page - Infineon Technologies AG PEB2256HT Datasheet HTML 245Page - Infineon Technologies AG PEB2256HT Datasheet HTML 246Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 242 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
242
2002-08-27
DAXLT
Disable Automatic Tristating of XL1/2
0 =
Normal operation. If a short is detected on pins XL1/2 the
transmit line monitor sets the XL1/2 outputs into a high-
impedance state.
1 =
If a short is detected on XL1/2 pins automatic setting these pins
into a high-impedance (by the XL-monitor) state is disabled.
Transparent Service Word Mask (Read/Write)
Value after reset: 00
H
TSWM(7:0)
Transparent Service Word Mask
TSIS
Transparent S
i-Bit in Service Word
0 =
The S
i-Bit is generated internally.
1 =
The S
i-Bit in the service word is taken from port XDI and
transparently passed through the FALC56 without any
changes. The internal information of the FALC56 (register
XSW) is ignored.
TSIF
Transparent S
i-Bit in FAS Word
0 =
The S
i-Bit is generated internally.
1 =
The S
i-Bit in the FAS word is taken from port XDI and routed
transparently through the FALC56 without any changes. The
internal information of the FALC56 (register XSW) is ignored.
TRA
Transparent Remote Alarm
0 =
The remote alarm bit is generated internally.
1 =
The A-Bit is taken from port XDI and routed transparently
through the FALC56 without any changes. The internal
information of the FALC56 (register XSW) is ignored.
70
TSWM
TSIS
TSIF
TRA
TSA4
TSA5
TSA6
TSA7
TSA8
(29)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com