Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 238 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 238 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 234Page - Infineon Technologies AG PEB2256HT Datasheet HTML 235Page - Infineon Technologies AG PEB2256HT Datasheet HTML 236Page - Infineon Technologies AG PEB2256HT Datasheet HTML 237Page - Infineon Technologies AG PEB2256HT Datasheet HTML 238Page - Infineon Technologies AG PEB2256HT Datasheet HTML 239Page - Infineon Technologies AG PEB2256HT Datasheet HTML 240Page - Infineon Technologies AG PEB2256HT Datasheet HTML 241Page - Infineon Technologies AG PEB2256HT Datasheet HTML 242Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 238 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
238
2002-08-27
Receive Control 0 (Read/Write)
Value after reset: 00
H
SWD
Service Word Condition Disable
0 =
Standard operation. Three or four consecutive incorrect service
words
(depending
on
bit
RC0.ASY4)
causes
loss
of
synchronization.
1 =
Errors in service words have no influence when in synchronous
state. However, they are used for the resynchronization
procedure.
ASY4
Select Loss of Sync Condition
0 =
Standard operation. Three consecutive incorrect FAS words or
three consecutive incorrect service words causes loss of
synchronization.
1 =
Four consecutive incorrect FAS words or four consecutive
incorrect service words causes loss of synchronization. The
service word condition is disabled by bit RC0.SWD.
CRCI
Automatic CRC4 Bit Inversion
If set, all CRC bits of one outgoing submultiframe are inverted in case
a CRC error is flagged for the previous received submultiframe. This
function is logically ored with RC0.XCRCI.
XCRCI
Transmit CRC4 Bit Inversion
If set, the CRC bits in the outgoing data stream are inverted before
transmission. This function is logically ored with RC0.CRCI.
RDIS
Receive Data Input Sense
Digital interface, dual-rail:
0 =
Inputs RDIP/RDIN are active low
1 =
Inputs RDIP/RDIN are active high
Digital Interface, CMI:
0 =
Input ROID is active high
1 =
Input ROID is active low
70
RC0
SWD
ASY4
CRCI
XCRCI
RDIS
RCO10
RCO9
RCO8
(24)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com