Electronic Components Datasheet Search
  English  ▼

X  

PEB2256HT Datasheet(PDF) 237 Page - Infineon Technologies AG

Part # PEB2256HT
Description  E1/T1/J1 Framer and Line Interface Component for Long and Short Haul Applications
PDF  490 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

PEB2256HT Datasheet(HTML) 237 Page - Infineon Technologies AG

Back Button PEB2256HT Datasheet HTML 233Page - Infineon Technologies AG PEB2256HT Datasheet HTML 234Page - Infineon Technologies AG PEB2256HT Datasheet HTML 235Page - Infineon Technologies AG PEB2256HT Datasheet HTML 236Page - Infineon Technologies AG PEB2256HT Datasheet HTML 237Page - Infineon Technologies AG PEB2256HT Datasheet HTML 238Page - Infineon Technologies AG PEB2256HT Datasheet HTML 239Page - Infineon Technologies AG PEB2256HT Datasheet HTML 240Page - Infineon Technologies AG PEB2256HT Datasheet HTML 241Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 237 / 490 page
background image
FALC56 V1.2
PEB 2256
E1 Registers
Data Sheet
237
2002-08-27
direction together with these bits the TSWM.TSA(8:4) bits must
be set to enable transmission to the remote end transparently
through the FALC56.
XCO(10:8)
Transmit Offset
Initial value loaded into the transmit bit counter at the trigger edge of
SCLKX when the synchronous pulse on port SYPX/XMFS is active
Refer to register XC1.
Transmit Control 1 (Read/Write)
Value after reset: 9C
H
A write access to this address resets the transmit elastic buffer to its
basic starting position. Therefore, updating the value should only be
done when the FALC56 is initialized or when the buffer should be
centered. As a consequence a transmit slip will occur.
XCO(7:0)
Transmit Offset
Calculation of delay time T (SCLKX cycles) depends on the value X
of the “Transmit Offset” register XC(1:0):
0
≤ T ≤ 4: X = 4 - T
5
≤ T ≤ maximum delay: X = 256 × SC/SD - T + 4)
with maximum delay = (256
× SC/SD) -1
with SC = system clock defined by SIC1.SSC(1:0)
with SD = 2.048 MHz
Delay time T = time between beginning of time slot 0 (bit 0, channel
phase 0) at XDI/XSIG and the initial edge of SCLKX after SYPX/
XMFS goes active.
See page 111 for further description.
70
XC1
XCO7
XCO0
(23)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com