Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 108 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 108 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 104Page - Semtech Corporation GS1671 Datasheet HTML 105Page - Semtech Corporation GS1671 Datasheet HTML 106Page - Semtech Corporation GS1671 Datasheet HTML 107Page - Semtech Corporation GS1671 Datasheet HTML 108Page - Semtech Corporation GS1671 Datasheet HTML 109Page - Semtech Corporation GS1671 Datasheet HTML 110Page - Semtech Corporation GS1671 Datasheet HTML 111Page - Semtech Corporation GS1671 Datasheet HTML 112Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 108 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
108 of 130
202h
AUD_DET1
RSVD
15-9
Reserved.
R
0
IDB_READBACK8-7
Actual value of IDB in the
hardware.
R1
IDA_READBACK
6-5
Actual value of IDA in the
hardware.
R0
ADPG4_DET
4
Set while Group 4 audio data
packets are detected.
R0
ADPG3_DET
3
Set while Group 3 audio data
packets are detected.
R0
ADPG2_DET
2
Set while Group 2 audio data
packets are detected.
R0
ADPG1_DET
1
Set while Group 1 audio data
packets are detected.
R0
ACS_APPLY_WAIT
0
ACS_APPLY_WAIT: Set while output
channels 1 and 2 are waiting for a
status boundary to apply the
ACSR[183:0] data.
R0
203h
AUD_DET2
RSVD
15-2
Reserved.
R/W
0
ECCA_ERROR
1
Primary group audio data packet
error detected.
ROCW0
ECCB_ERROR
0
Secondary group audio data packet
error detected.
ROCW0
204h
REGEN
RSVD
15-2
Reserved.
R/W
0
ACS_APPLY
1
Cause channel status data in
ACSR[183:0] to be transferred to
the channel status replacement
mechanism. The transfer does not
occur until the next status
boundary.
R/W
0
ACS_REGEN
0
Specifies that Audio Channel Status
of all channels should be replaced
with ACSR[183:0] field.
0: Do not replace Channel Status
1: Replace Channel Status of all
channels
R/W
0
205h
CH_MUTE
RSVD
15
Reserved.
R/W
0
MUTEB
7-4
Mute Secondary output channels
4..1 Where bits 7:4 = channel 4:1
1: Mute
0: Normal
R/W
0
MUTEA
3-0
Mute Primary output channels 4..1
Where bits 3:0 = channel 4:1
1: Mute
0: Normal
R/W
0
Table 4-30: HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com