Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 119 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 119 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 115Page - Semtech Corporation GS1671 Datasheet HTML 116Page - Semtech Corporation GS1671 Datasheet HTML 117Page - Semtech Corporation GS1671 Datasheet HTML 118Page - Semtech Corporation GS1671 Datasheet HTML 119Page - Semtech Corporation GS1671 Datasheet HTML 120Page - Semtech Corporation GS1671 Datasheet HTML 121Page - Semtech Corporation GS1671 Datasheet HTML 122Page - Semtech Corporation GS1671 Datasheet HTML 123Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 119 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
119 of 130
287h
ACSR_BYTE_7
RSVD
15-8
Reserved.
R/W
0
ACSR7
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
288h
ACSR_BYTE_8
RSVD
15-8
Reserved.
R/W
0
ACSR8
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
289h
ACSR_BYTE_9
RSVD
15-8
Reserved.
R/W
0
ACSR9
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
28Ah
ACSR_BYTE_10
RSVD
15-8
Reserved.
R/W
0
ACSR10
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
28Bh
ACSR_BYTE_11
RSVD
15-8
Reserved.
R/W
0
ACSR11
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
28ChACSR_BYTE_12
RSVD
15-8
Reserved.
R/W
0
ACSR12
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
28Dh
ACSR_BYTE_13
RSVD
15-8
Reserved.
R/W
0
ACSR13
7-0
Audio channel status to use when
ACS_REGEN is set or when adding
audio channel status to
non-AES/EBU audio. 8 bits per
register starting at register 280h
and ending at register 296h.
W0
Table 4-30: HD Audio Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com