Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 124 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 124 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 120Page - Semtech Corporation GS1671 Datasheet HTML 121Page - Semtech Corporation GS1671 Datasheet HTML 122Page - Semtech Corporation GS1671 Datasheet HTML 123Page - Semtech Corporation GS1671 Datasheet HTML 124Page - Semtech Corporation GS1671 Datasheet HTML 125Page - Semtech Corporation GS1671 Datasheet HTML 126Page - Semtech Corporation GS1671 Datasheet HTML 127Page - Semtech Corporation GS1671 Datasheet HTML 128Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
124 of 130
5. Application Reference Design
5.1 High Gain Adaptive Cable Equalizers
The GS1671 has an integrated adaptive cable equalizer. In order to extend the cable
length that an equalizer will remain operational at, it is necessary for the equalizer to
have high gain.
A video cable equalizer must provide wide band gain over a range of frequencies in
order to accommodate the range of data rates and signal patterns that are present in a
SMPTE compliant serial video stream.
Small levels of signal or noise present at the input pins of the GS1671 may cause chatter
at the output. In order to prevent this from happening, particular attention must be paid
to board layout.
5.2 PCB Layout
Special attention must be paid to component layout when designing Serial Digital
Interfaces for HDTV. An FR-4 dielectric can be used, however, controlled impedance
transmission lines are required for PCB traces longer than approximately 1cm. Note the
following PCB artwork features used to optimize performance:
• The PCB ground plane is removed under the GS1671 input components to minimize
parasitic capacitance.
• High speed traces are curved to minimize impedance changes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com