Electronic Components Datasheet Search
  English  ▼

X  

GS1671 Datasheet(PDF) 129 Page - Semtech Corporation

Part # GS1671
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
PDF  130 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1671 Datasheet(HTML) 129 Page - Semtech Corporation

Back Button GS1671 Datasheet HTML 122Page - Semtech Corporation GS1671 Datasheet HTML 123Page - Semtech Corporation GS1671 Datasheet HTML 124Page - Semtech Corporation GS1671 Datasheet HTML 125Page - Semtech Corporation GS1671 Datasheet HTML 126Page - Semtech Corporation GS1671 Datasheet HTML 127Page - Semtech Corporation GS1671 Datasheet HTML 128Page - Semtech Corporation GS1671 Datasheet HTML 129Page - Semtech Corporation GS1671 Datasheet HTML 130Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 129 / 130 page
background image
GS1671 HD/SD SDI Integrated Receiver
Data Sheet
53737 - 2
September 2012
129 of 130
7.4 Solder Reflow Profiles
The GS1671 is available in a Pb-free package. It is recommended that the Pb-free
package be soldered with Pb-free paste using the reflow profile shown in Figure 7-1.
Figure 7-1:Pb-free Solder Reflow Profile
7.5 Ordering Information
Revision History
25°C
150°C
200°C
217°C
260°C
250°C
Time
Temperature
8 min. max
60-180 sec. max
60-150 sec.
20-40 sec.
3°C/sec max
6°C/sec max
Part Number
Package
Pb-free
Temperature Range
GS1671-IBE3
100-ball BGA
Yes
-20°C to 85°C
Version
ECR
PCN
Date
Changes and/or Modifications
2
158468–
September 2012
Changes throughout the document.
1
153472
–
January 2010
Converted to Data Sheet.
0
152961–
November 2009
New Document. Added reference to GS1670/GS1671
Errata (document number 53878).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com