Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 121 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 121 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 117Page - Zilog, Inc. Z80 Datasheet HTML 118Page - Zilog, Inc. Z80 Datasheet HTML 119Page - Zilog, Inc. Z80 Datasheet HTML 120Page - Zilog, Inc. Z80 Datasheet HTML 121Page - Zilog, Inc. Z80 Datasheet HTML 122Page - Zilog, Inc. Z80 Datasheet HTML 123Page - Zilog, Inc. Z80 Datasheet HTML 124Page - Zilog, Inc. Z80 Datasheet HTML 125Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 121 / 330 page
background image
< %27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

Figure 44.
Write Register 4 Group
Write Register 5 Group
Bits 7, 6, 2, 1, and 0, illustrated in Figure 45, specify the base register byte
for this one register group. The byte is used to specify these characteristics:
D7 D6 D5 D4 D3 D2 D1 D0
Base Register Byte
0
0
0
0
= Interrupt on End-of-Block
= Interrupt on Match and End-of-Block
= Interrupt on RDY
01
1
Port B Starting Address
Pulse Control Byte
Interrupt on RDY = 1
Status Affects Vector = 1
1 = Pulse Generated
Interrupt Vector
0
0
0
0
Modified as shown only if
Status Affects Vector bit is set
Vector is automatically
1 = Interrupted at End-of-Block
1 = Interrupted on Match
0
Interrupt Control Byte
(High Byte)
Port B Starting Address
(Low Byte)
0
1
0
1
0
0
1
1
Continuous =
Burst =
Do Not Program =
Byte =
= Interrupt on Match



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com