Electronic Components Datasheet Search
  English  ▼

X  

Z80 Datasheet(PDF) 124 Page - Zilog, Inc.

Part # Z80
Description  Z80 CPU PERIPHERALS
PDF  330 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ZILOG [Zilog, Inc.]
Direct Link  http://www.zilog.com
Logo ZILOG - Zilog, Inc.

Z80 Datasheet(HTML) 124 Page - Zilog, Inc.

Back Button Z80 Datasheet HTML 120Page - Zilog, Inc. Z80 Datasheet HTML 121Page - Zilog, Inc. Z80 Datasheet HTML 122Page - Zilog, Inc. Z80 Datasheet HTML 123Page - Zilog, Inc. Z80 Datasheet HTML 124Page - Zilog, Inc. Z80 Datasheet HTML 125Page - Zilog, Inc. Z80 Datasheet HTML 126Page - Zilog, Inc. Z80 Datasheet HTML 127Page - Zilog, Inc. Z80 Datasheet HTML 128Page - Zilog, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 124 / 330 page
background image
<%27 2GTKRJGTCNU
7UGT /CPWCN
UM008101-0601
Direct Memory Access

• Reinitialize Ports A and B to standard Z80 cycle timing (see WR1
and WR2)
At power-up, one reset command is sent to the DMA prior to the initial-
ization program. When aborting an operation sequence, sending six reset
commands guarantees resetting (this is because WR4 has five associated
registers that can potentially be pointed to).
The RESET command does not perform a complete DMA reset. For
example, it does not reset the read sequence, which is set by the INITIATE
READ SEQUENCE command.
ResetPortATiming (C7)
Resets the Port A variable timing byte in WR1 to standard Z80 timing. The
RESET command also perform this function.
ResetPortBTiming (CB)
Resets the Port B variable timing byte in WR2 as described in Reset Port A
Timing (C7).
Load (CF)
This command must be used to write new addresses to the address registers
(WR0 and/or WR4) or to restart an operation (except Auto Restart) at the
same addresses. It loads the contents of both starting-address registers to
their associated address counters (Figure 30). It also clears the byte counter
associated with the block-length register, and it unforces an internal Force
Ready condition. The starting addresses must be written in WR0 and/or
WR4 before the LOAD command is written, if they are to differ from the
previous starting addresses.
Only the source-port address counter is immediately loaded. The desti-
nation-port address counter (if used) is loaded during the first count of the
destination-port address. If the destination-port address is fixed, this indi-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com