Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 36 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 36 Page - Analog Devices

Back Button AD7779 Datasheet HTML 32Page - Analog Devices AD7779 Datasheet HTML 33Page - Analog Devices AD7779 Datasheet HTML 34Page - Analog Devices AD7779 Datasheet HTML 35Page - Analog Devices AD7779 Datasheet HTML 36Page - Analog Devices AD7779 Datasheet HTML 37Page - Analog Devices AD7779 Datasheet HTML 38Page - Analog Devices AD7779 Datasheet HTML 39Page - Analog Devices AD7779 Datasheet HTML 40Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 36 of 97
The pulse in the SYNC_IN pin must be synchronous with
MCLK.
There are two different ways to achieve a synchronous pulse if
the controller/processor cannot generate it as follows:
Applying an asynchronous pulse on the START pin, which
is then internally synchronized with the external MCLK
clock, and the resulting synchronous signal is output on
the SYNC_OUT pin.
Triggering the SYNC_OUT internally. When the AD7779
is configured in SPI control mode, toggling Bit 0 in the
GEN_USER_CONFIG_2 register generates a synchronous
pulse that is output on the SYNC_OUT pin.
The SYNC_IN and SYNC_OUT pins must be externally
connected if internal synchronization is used.
If multiple AD7779 devices must be synchronized, the
SYNC_OUT pin of one device can be connected to multiple
devices. This synchronization method requires the use of a
common MCLK signal for all the AD7779 devices connected,
as shown in Figure 94.
If the START pin is not used, tie it to DGND.
START
SYNC_IN
MCLK
SYNC_OUT
START
SYNC_IN
MCLK
SYNC_OUT
NC
START
SYNC_IN
MCLK
SYNC_OUT
NC
AD7779
AD7779
AD7779
SYNCHRONIZATION
LOGIC
ASYNCHRONOUS
PULSE
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MCLK
Figure 94. Multiple AD7779 Synchronization
DIGITAL FILTERING
The AD7779 offers a low latency sinc3 filter. Most precision
-Δ ADCs use sinc3 filters because the sinc3 filter offers a low
latency path for applications requiring low bandwidth signals,
for example, in control loops or where application specific
postprocessing is required. The digital filter adds notches at
multiples of the sampling frequency.
The digital filter implements three main notches, one at the
maximum ODR (16 kHz or 8 kHz, depending on the power
mode) and another two at the ODR frequency selected to stop
noise aliasing into the pass band.
Figure 95 shows the typical filter transfer function for the high
resolution and low power modes using a decimation rate of
256 samples.
FREQUENCY (kHz)
0
–10
–20
–30
–40
–50
–60
–70
–80
–90
–100
0
8
16
24
32
LOW POWER MODE DECIMATION = 256
HIGH RESOLUTION MODE DECIMATION = 256
Figure 95. Sinc3 Frequency Response
The sample rate converter featured allows fine tuning of the
decimation rate, even for noninteger multiples of the decimation
rate. See the Sample Rate Converter (SRC) section for more
information on filter profiles for noninteger decimation rates.
SHUTDOWN MODE
The AD7779 can be placed in shutdown mode by pulling AVDD2
to ground and connecting 1 MΩ resistance, pulled low, to
XTAL2. In this mode, the average current consumption is
reduced to 1 mA, as shown in Figure 96.
–40
–0.5
0
0.5
1.0
10
TEMPERATURE (°C)
60
125
IAVDD1x
IAVDD2x
IAVDD4x
IIOVDD
AVDDx = 3.3V
IOVDD = 3.3V
Figure 96. Shutdown Current



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com