Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 50 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 50 Page - Analog Devices

Back Button AD7779 Datasheet HTML 46Page - Analog Devices AD7779 Datasheet HTML 47Page - Analog Devices AD7779 Datasheet HTML 48Page - Analog Devices AD7779 Datasheet HTML 49Page - Analog Devices AD7779 Datasheet HTML 50Page - Analog Devices AD7779 Datasheet HTML 51Page - Analog Devices AD7779 Datasheet HTML 52Page - Analog Devices AD7779 Datasheet HTML 53Page - Analog Devices AD7779 Datasheet HTML 54Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 50 of 97
SAMPLE RATE CONVERTER (SRC) (SPI CONTROL
MODE)
The AD7779 implements a patented featured called the SRC on
each -Δ channel, which allows the user to configure the output
data rate or sampling frequency to any desired value, including
noninteger values. The SRC achieves fine resolution control
over the -Δ ADC ODR, up to 15.2 μSPS. In applications where
the ODR must change based on changes in the input signal to
maintain sampling coherency, the SRC provides fine control
over the ODR. For example, to achieve the highest classification
standard, Class A, in power quality applications, coherency
must be maintained for 0.01 Hz changes in the input power
line. The SRC can be used to achieve this sampling frequency
accuracy.
In the pin control mode, the ODR is fixed per the predefined
pin control options. Consequently, a noninteger number cannot
be selected, as shown in Table 17.
To set the ODR, the user must program up to four registers,
depending on the decimation value: two registers to program
the integer value, N (the effective decimation rate), and two
registers to program the decimal value, IF (the inter-polation
factor).
The integer value registers are SRC_N_MSB, Bits[3:0] and
SRC_N_LSB, Bits[7:0]. The decimal part value registers are
SRC_IF_MSB, Bits[7:0] and SRC_IF_LSB, Bits[7:0].
As an example, if an output data rate of 2.8 kHz is required,
which equates to
HP mode = 2048/2.8 = 731.428
Low power mode = 512/2.8 = 182.857
The register values for HP mode are as follows:
731d = 0x2DB
SRC_N_MSB[3:0] = 0x02
SRC_N_LSB[7:0] = 0xDB
0.428d = 0.428 × 216 = 28049d = 0x6D91
SRC_IF_MSB[7:0] = 0x6D
SRC_IF_LSB[7:0] = 0x91
The ODR can be updated on the fly, but a new ODR is effective
in three conversion cycles of the -Δ ADCs. This guarantees a
smooth transition with no conversion results out of range.
There are two different ways to change the ODR after a new
value is written in the SRC registers: via software or via
hardware, depending on SRC_UPDATE, Bit 7.
If the SRC_LOAD_SOURCE bit is clear, the new ODR value is
updated by setting the SRC_LOAD_UPDATE bit to 1. This bit
must be held high for at least two MLCK periods; return the bit
to 0 before attempting another update.
If SRC_LOAD_SOURCE is set, the ODR update is controlled
externally by the GPIO0 pin. Apply a pulse in the GPIO2 pin,
which is then internally synchronized with the external MCLK
clock, and the resultant synchronous signal is output on the
GPIO1 pin.
The GPIO1 and GPIO0 pins must be externally connected.
If multiple AD7779 must be synchronized, the GPIO1 pin of
one device can be connected to multiple devices. This synch-
ronization method requires the use of a common MCLK signal
for all the AD7779 devices connected, as shown in Figure 108.
GPIO2
GPIO0
GPIO0
GPIO0
MCLK
GPIO1
GPIO2
MCLK
GPIO1
NC
GPIO2
MCLK
GPIO1
NC
AD7779
AD7779
AD7779
SYNCHRONIZATION
LOGIC
PULSE
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
SYNCHRONIZATION
LOGIC
DIGITAL FILTER
MCLK
Figure 108. Hardware ODR Update
SRC Bandwidth
The SINC filter architecture allows the user to select a noninteger
value as the decimation range This versatility means that the
filter notches must be adjusted dynamically: two notches at the
variable frequency, and one fixed notch to remove the PGA
chopping tone. Consequently, the traditional formula for the
−0.1 dB and −3 dB bandwidth must be adjusted depending on
the selected decimation rate.
The bandwidth transfer function is not linear but can be
approximated by using a linear function.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com