Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 47 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 47 Page - Analog Devices

Back Button AD7779 Datasheet HTML 43Page - Analog Devices AD7779 Datasheet HTML 44Page - Analog Devices AD7779 Datasheet HTML 45Page - Analog Devices AD7779 Datasheet HTML 46Page - Analog Devices AD7779 Datasheet HTML 47Page - Analog Devices AD7779 Datasheet HTML 48Page - Analog Devices AD7779 Datasheet HTML 49Page - Analog Devices AD7779 Datasheet HTML 50Page - Analog Devices AD7779 Datasheet HTML 51Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 47 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 47 of 97
256 kHz. If consecutives conversion are performed in the SAR
ADC, read back the result from the previous conversion before
a new conversion is generated. Otherwise, the results are
corrupted.
The SAR ADC is only available in SPI control mode. To read
conversion results from the SAR ADC, set the SAR_DIAG_
MODE_EN bit. After this bit is set, all data shift out from the
SDO pin are from the SAR ADC register, as shown in Figure 104.
The CONVST_SAR signal can be internally deglitched to avoid
false triggers.
Table 29. SAR Synchronization and Deglitching
CONVST_
DEGLITCH_DIS
Effect on CONVST_SAR
11
CONVST_SAR goes directly to the SAR
10
CONVST_SAR reaches the SAR when it is
1.5 MCLK cycles wide
Increase the acquisition time by 1.5/MCLK when the deglitch
circuitry is enabled.
Prior to the SAR ADC, the AD7779 contains an internal
multiplexer. This multiplexer can be configured over the SPI
interface to set the inputs to the SAR ADC to be either internal
circuit nodes in the case of diagnostics or to select the external
AUXAIN+ and AUXAIN− pins.
Along with converting external voltages, the SAR ADC can be
used to monitor the internal nodes on the AVDD, IOVDD, and
DGND pins, and can monitor the DLDO and ALDO outputs.
Some voltages are internally attenuated by 6, and the resulting
voltage is applied to the SAR ADC, as shown in Table 30. This
is useful because variations in the power supply voltage can be
monitored.
The input multiplexer of the SAR is controlled by the GLOBAL_
MUX_CONFIG register, and the different inputs available are
described in Table 30.
The SAR ADC also contains an ADC driver amplifier, as shown
in Figure 105. This amplifier settles the SAR input to 12-bit
accuracy within the t33 time. This driver amplifier helps
minimize the kickback from the SAR converter to the global
diagnostic mux input circuit nodes.
Use the auxiliary inputs, AUXAIN+ and AUXAIN−, to validate
the -Δ measurements. While operating in SPI control mode,
the AD7779 has three available GPIO ports controlled via the
SPI interface. The GPIO pins can be used to control an external,
dual 8:1 multiplexer, which in turn is used to sample the eight
-Δ channels. Use this diagnostic in applications where functional
safety is required. This diagnostic aids in removing the need for
a secondary external ADC to validate primary measurements
on the -Δ channels.
Temperature Sensor
The internal die temperature can be measured with an error of
±2°C. DVBE is proportional to the temperature measured
referred to 25°C.
Temperature (°C) =
mV
2
V
6
.
0
BE
DV
Table 30. SAR Mux Inputs
SAR
Input
Positive
Signal
Negative
Signal
Attenuation ÷ 6
0
AUXAIN+
AUXAIN−
No
1
DVBE
AVSSx
No
2
REF1+
REF1−
No
3
REF2+
REF2−
No
4
REF_OUT
AVSSx
No
5
VCM
AVSSx
No
6
AREG1CAP
AVSSx
Yes
7
AREG2CAP
AVSSx
Yes
8
DREGCAP
DGND
Yes
9
AVDD1A
AVSSx
Yes
10
AVDD1B
AVSSx
Yes
11
AVDD2A
AVSSx
Yes
12
AVDD2B
AVSSx
Yes
13
IOVDD
DGND
Yes
14
AVDD4
AVSSx
No
15
DGND
AVSSx
Yes
16
DGND
AVSSx
Yes
17
DGND
AVSSx
Yes
18
AVDD4
AVSSx
Yes
19
REF1+
AVSSx
No
20
REF2+
AVSSx
No
21
AVSSx
AVDD4
Yes
CS
SDI
SDO
SET BIT 5
GENERAL_USER_CONFIG_2 REG
WRITE TO ADC MUX REGISTER
WRITE TO ADC MUX REGISTER
ADC CONVERSION RESULT REG
ADC CONVERSION RESULT REG
Figure 104. Configuring the AD7779 to Operate the SPI to Read from the SAR ADC



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com