Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 15 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 15 Page - Analog Devices

Back Button AD7779 Datasheet HTML 11Page - Analog Devices AD7779 Datasheet HTML 12Page - Analog Devices AD7779 Datasheet HTML 13Page - Analog Devices AD7779 Datasheet HTML 14Page - Analog Devices AD7779 Datasheet HTML 15Page - Analog Devices AD7779 Datasheet HTML 16Page - Analog Devices AD7779 Datasheet HTML 17Page - Analog Devices AD7779 Datasheet HTML 18Page - Analog Devices AD7779 Datasheet HTML 19Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 15 of 97
Pin No.
Mnemonic
Type
Direction
Description
18
ALERT/CS
Digital input
Input
Alert Output Pin in Pin Control Mode (ALERT).
Chip Select Pin in SPI Control Mode (CS).
19
DCLK2/SCLK
Digital input
Input
DCLK Frequency Selection Pin 2 in Pin Control Mode (DCLK2). See Table 19
for more details.
SPI Clock in SPI Control Mode (SCLK).
20
DCLK1/SDI
Digital input
Input
DCLK Frequency Selection Pin 1 in Pin Control Mode (DCLK1). See Table 19
for more details.
SPI Data Input in SPI Control Mode (SDI). Connect this pin to DGND if the
device is configured in pin control mode with the SPI as the data output
interface.
21
DCLK0/SDO
Digital output
Output
DCLK Frequency Selection Pin 0 in Pin Control Mode (DCLK0). See Table 19
for more details.
SPI Data Output in SPI Control Mode (SDO).
22
DGND
Supply
Supply
Digital Ground.
23
DREGCAP
Supply
Output
Digital LDO Output. Decouple this pin to DGND with a 1 μF capacitor.
24
IOVDD
Supply
Supply
Digital Levels Input/Output and Digital LDO (DLDO) Supply from 1.8 V to
3.6 V. IOVDD must not be lower than DREGCAP.
25
DOUT3
Digital output
I/O
Data Output Pin 3. If the device is configured in daisy-chain mode, this pin
acts as an input pin. See the Daisy-Chain Mode section for more details.
26
DOUT2
Digital output
I/O
Data Output Pin 2. If the device is configured in daisy-chain mode, this pin
acts as an input pin. See the Daisy-Chain Mode section for more details.
27
DOUT1
Digital output
Output
Data Output Pin 1.
28
DOUT0
Digital output
Output
Data Output Pin 0.
29
DCLK
Digital output
Output
Data Output Clock.
30
DRDY
Digital output
Output
Data Output Ready Pin.
31
XTAL1
Clock
Input
Crystal 1 Input Connection. If CMOS is used as a clock source, tie this pin to
DGND. See Table 16 for more details.
32
XTAL2/MCLK
Clock
Input
Crystal 2 Input Connection (XTAL2). See Table 16 for more details.
CMOS Clock (MCLK). See Table 16 for more details.
33
START
Digital input
Input
Synchronization Pulse. This pin is used to synchronize internally an external
START asynchronous pulse with MCLK. The synchronize signal is shift out by
the SYNC_OUT pin. If not in use, tie this pin to DGND. See the Phase Adjustment
section and the Digital Reset and Synchronization Pins section for more details.
34
SYNC_OUT
Digital output
Input
Synchronization Signal. This pin generates a synchronous pulse generated
and driven by hardware (via the START pin) or by software (GENERAL_USER_
CONFIG_2, Bit 0). If this pin is in use, it must be wired to the SYNC_IN pin.
See the Phase Adjustment and the Digital Reset and Synchronization Pins
section for more details.
35
SYNC_IN
Digital input
Input
Reset for the Internal Digital Block and Synchronize for Multiple Devices.
See the Digital Reset and Synchronization Pins
section for more details.
36
RESET
Digital input
Input
Asynchronous Reset Pin. This pin resets all registers to their default value. It
is recommended to generate a pulse on this pin after the device is powered
up because a slow slew rate in the supplies may generate an incorrect
initialization in the digital block.
37
AIN7+
Analog input
Input
Analog Input Channel 7, Positive.
38
AIN7−
Analog input
Input
Analog Input Channel 7, Negative.
39
AIN6+
Analog input
Input
Analog Input Channel 6, Positive.
40
AIN6−
Analog input
Input
Analog Input Channel 6, Negative.
41
REF2+
Reference
Input
Positive Reference Input 2 for Channel 4 to Channel 7, Typical at REF2− + 2.5 V.
42
REF2−
Reference
Input
Negative Reference Input 2 for Channel 4 to Channel 7, Typical at AVSSx.
Connect all the REFx− pins to the same potential.
43
AVDD1B
Supply
Supply
Positive Front-End Analog Supply for Channel 4 to Channel 7. Connect this
pin to AVDD1A.
44
AVSS1B
Supply
Supply
Negative Front-End Analog Supply for Channel 4 to Channel 7, typical at
−1.65 V (Dual Supply) or AGND (Single Supply). Connect all the AVSSx pins
together.
45
AIN5+
Analog input
Input
Analog Input Channel 5, Positive.
46
AIN5−
Analog input
Input
Analog Input Channel 5, Negative.
47
AIN4+
Analog input
Input
Analog Input Channel 4, Positive.
48
AIN4−
Analog input
Input
Analog Input Channel 4, Negative.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com