Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 93 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 93 Page - Analog Devices

Back Button AD7779 Datasheet HTML 89Page - Analog Devices AD7779 Datasheet HTML 90Page - Analog Devices AD7779 Datasheet HTML 91Page - Analog Devices AD7779 Datasheet HTML 92Page - Analog Devices AD7779 Datasheet HTML 93Page - Analog Devices AD7779 Datasheet HTML 94Page - Analog Devices AD7779 Datasheet HTML 95Page - Analog Devices AD7779 Datasheet HTML 96Page - Analog Devices AD7779 Datasheet HTML 97Page - Analog Devices  
Zoom Inzoom in Zoom Outzoom out
 93 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 93 of 97
GENERAL ERRORS REGISTER 2
Address: 0x05B, Reset: 0x00, Name: GEN_ERR_REG_2
DRegCap power s upply error
Res et detected
AReg2Cap power s upply error
Clock not s witched over
AReg1Cap power s upply error
0
0
1
0
2
0
3
0
4
0
5
0
6
0
7
0
[7:6] RESERVED
[0] DLDO_PSM_ERR (R)
[5] RESET_DETECTED (R)
[1] ALDO2_PSM_ERR (R)
[4] EXT_MCLK_SWITCH_ERR (R)
[2] ALDO1_PSM_ERR (R)
[3] RESERVED
Table 134. Bit Descriptions for GEN_ERR_REG_2
Bits
Bit Name
Settings
Description
Reset
Access
5
RESET_DETECTED
Reset Detected
0x0
R
4
EXT_MCLK_SWITCH_ERR
Clock Not Switched Over
0x0
R
2
ALDO1_PSM_ERR
AREG1CAP Power Supply Error
0x0
R
1
ALDO2_PSM_ERR
AREG2CAP Power Supply Error
0x0
R
0
DLDO_PSM_ERR
DREGCAP Power Supply Error
0x0
R
GENERAL ERRORS REGISTER 2 ENABLE
Address: 0x05C, Reset: 0x3C, Name: GEN_ERR_REG_2_EN
LDO PSM trip test enable
11: 11 - Run trip detect test on DRegCap.
10: 10 - Run trip detect test on AReg2Cap.
1: 01 - Run trip detect test on AReg1Cap.
0: 00 - No trip detect test enabled.
Res et detect enable
LDO PSM tes t EN
11:
on all LDOs.
11 - Run power supply m onitor tes t
10:
on DRegCap.
10 - Run power supply m onitor tes t
1:
on ARegxCap.
01 - Run power supply m onitor tes t
0:
enabled.
00 - No power s upply m onitor test
0
0
1
0
2
1
3
1
4
0
5
1
6
0
7
0
[7:6] RESERVED
[1:0] LDO_PSM_TRIP_TEST_EN (R/W)
[5] RESET_DETECT_EN (R/W)
[3:2] LDO_PSM_test_EN (R/W)
[4] RESERVED
Table 135. Bit Descriptions for GEN_ERR_REG_2_EN
Bits
Bit Name
Settings
Description
Reset
Access
5
RESET_DETECT_EN
Reset Detect Enable
0x1
R/W
4
RESERVED
Reserved
0x1
R/W
[3:2]
LDO_PSM_TEST_EN
LDO PSM Test EN
0x3
R/W
0
00—no power supply monitor test enabled.
1
01—run power supply monitor test on AREGxCAP
10
10—run power supply monitor test on DREGCAP
11
11—run power supply monitor test on all LDOs
[1:0]
LDO_PSM_TRIP_TEST_EN
LDO PSM Trip Test Enable
0x0
R/W
0
00—no trip detect test enabled
1
01—run trip detect test on AREG1CAP
10
10—run trip detect test on AREG2CAP
11
11—run trip detect test on DREGCAP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com