Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 51 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 51 Page - Analog Devices

Back Button AD7779 Datasheet HTML 47Page - Analog Devices AD7779 Datasheet HTML 48Page - Analog Devices AD7779 Datasheet HTML 49Page - Analog Devices AD7779 Datasheet HTML 50Page - Analog Devices AD7779 Datasheet HTML 51Page - Analog Devices AD7779 Datasheet HTML 52Page - Analog Devices AD7779 Datasheet HTML 53Page - Analog Devices AD7779 Datasheet HTML 54Page - Analog Devices AD7779 Datasheet HTML 55Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 51 of 97
Figure 109 and Figure 110 show the correction factor for the
−0.1 dB and −3 dB bandwidth, respectively. In low power mode,
the offset must be divided by 4. For example, when the ODR =
1000, the −0.1 dB point is
BW = 0.0581 × 1000 +
4
9271
.
2
= 59 Hz
0
100
200
300
400
500
600
700
800
900
1000
0
2
4
6
8
10
12
14
16
18
ODR (kHz)
y = 0.0581x + 2.9271
Figure 109. −0.1 dB Correction Factor
6
5
4
3
2
1
ODR (kHz)
0
13
5
7
9
11
13
15
17
y = 0.3135x + 13.99
Figure 110. −3 dB Correction Factor
SRC Group Delay
The SRC group delay depends on the selected ODR and the
power mode, and is defined by the following equation:
Group delay =
ODR
N
SRC
N
SRC
PM
_
_
where:
PM is a value that depends on the power mode, either 64 for
high resolution mode or 32 for low power mode.
SRC_N is the integer value of the programmed ODR.
ODR is the programmed output data rate.
Settling Time
The settling time is defined by the contribution of all the
internal stages, the filter delay, and the block calibration.
The filter delay is defined as 3/ODR. In some extreme cases, as
when an external pulse is applied, this value may increase to
4/ODR.
In high resolution mode, the calibration delay is defined as 62 ×
tMCLK, with a maximum error of 2 × tMCLK.
In low power mode, the calibration delay is defined as 121 ×
tMCLK, with a maximum error of 4 × tMCLK.
tMCLK is the modulator period and is 488 ns in high resolution
mode and 1.9 μs in low power mode.
DATA OUTPUT INTERFACE
The -Δ output data interface is defined by theCONV_SAR,
FORMAT0, and FORMAT1 pins in pin control mode at power-up.
The FORMATx pins cannot be changed dynamically. Table 18
shows the available options for pin control mode. If the device
is configured in SPI control mode, the SPI_SLAVE_MODE_
EN bit enables the SPI interface to transmit the -Δ ADC
conversion results, as shown in Table 26.
DOUT3 to DOUT0 Data Interface
Standalone Mode
In standalone mode, the AD7779 interface acts as a master.
There are three different DOUT configurations, configurable
through the FORMATx pins in pin control mode, as shown in
Figure 111 through Figure 113, or via the DOUT_FORMAT bits,
Bits[7:6], in SPI control mode, as described in Table 36.
Figure 114, Figure 115, and Figure 116 show the expected data
outputs for different DOUTx output modes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com