Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 57 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 57 Page - Analog Devices

Back Button AD7779 Datasheet HTML 53Page - Analog Devices AD7779 Datasheet HTML 54Page - Analog Devices AD7779 Datasheet HTML 55Page - Analog Devices AD7779 Datasheet HTML 56Page - Analog Devices AD7779 Datasheet HTML 57Page - Analog Devices AD7779 Datasheet HTML 58Page - Analog Devices AD7779 Datasheet HTML 59Page - Analog Devices AD7779 Datasheet HTML 60Page - Analog Devices AD7779 Datasheet HTML 61Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 57 / 97 page
background image
Data Sheet
AD7779
Rev. 0 | Page 57 of 97
REGISTER SUMMARY
Table 43. AD7779 Register Summary
Reg.
Name
Bits
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Reset
R/W
0x000
CH0_CONFIG
[7:0]
CH0_GAIN
CH0_REF_
MONITOR
CH0_RX
RESERVED
0x00
/W R
0x001
CH1_CONFIG
[7:0]
CH1_GAIN
CH1_REF_
MONITOR
CH1_RX
RESERVED
0x00
R/W
0x002
CH2_CONFIG
[7:0]
CH2_GAIN
CH2_REF_
MONITOR
CH2_RX
RESERVED
0x00
R/W
0x003
CH3_CONFIG
[7:0]
CH3_GAIN
CH3_REF_
MONITOR
CH3_RX
RESERVED
0x00
R/W
0x004
CH4_CONFIG
[7:0]
CH4_GAIN
CH4_REF_
MONITOR
CH4_RX
RESERVED
0x00
R/W
0x005
CH5_CONFIG
[7:0]
CH5_GAIN
CH5_REF_
MONITOR
CH5_RX
RESERVED
0x00
R/W
0x006
CH6_CONFIG
[7:0]
CH6_GAIN
CH6_REF_
MONITOR
CH6_RX
RESERVED
0x00
R/W
0x007
CH7_CONFIG
[7:0]
CH7_GAIN
CH7_REF_
MONITOR
CH7_RX
RESERVED
0x00
R/W
0x008
CH_DISABLE
[7:0]
CH7_
DISABLE
CH6_
DISABLE
CH5_DISABLE
CH4_DISABLE
CH3_
DISABLE
CH2_
DISABLE
CH1_
DISABLE
CH0_
DISABLE
0x00
R/W
0x009
CH0_SYNC_
OFFSET
[7:0]
CH0_SYNC_OFFSET
0x00
R/W
0x00A
CH1_SYNC_
OFFSET
[7:0]
CH1_SYNC_OFFSET
0x00
R/W
0x00B
CH2_SYNC_
OFFSET
[7:0]
CH2_SYNC_OFFSET
0x00
R/W
0x00C
CH3_SYNC_
OFFSET
[7:0]
CH3_SYNC_OFFSET
0x00
R/W
0x00D
CH4_SYNC_
OFFSET
[7:0]
CH4_SYNC_OFFSET
0x00
R/W
0x00E
CH5_SYNC_
OFFSET
[7:0]
CH5_SYNC_OFFSET
0x00
R/W
0x00F
CH6_SYNC_
OFFSET
[7:0]
CH6_SYNC_OFFSET
0x00
R/W
0x010
CH7_SYNC_
OFFSET
[7:0]
CH7_SYNC_OFFSET
0x00
R/W
0x011
GENERAL_
USER_
CONFIG_1
[7:0]
ALL_
CH_DIS_
MCLK_
EN
POWER-
MODE
PDB_VCM
PDB_
REFOUT_
BUF
PDB_
SAR
PDB_
RC_OSC
SOFT_RESET
0x24
R/W
0x012
GENERAL_
USER_
CONFIG_2
[7:0]
RESERVED
SAR_DIAG_
MODE_EN
SDO_DRIVE_STR
DOUT_DRIVE_STR
SPI_SYNC
0x09
R/W
0x013
GENERAL_
USER_
CONFIG_3
[7:0]
CONVST_
DEGLITCH_DIS
RESERVED
SPI_SLAVE_
MODE_EN
RESERVED
CLK_
QUAL_DIS
0x80
R/W
0x014
DOUT_FORMA
T
[7:0]
DOUT_FORMAT
DOUT_
HEADER_
FORMAT
RESERVED
DCLK_CLK_DIV
RESERVED
0x20
R/W
0x015
ADC_MUX_
CONFIG
[7:0]
REF_MUX_CTRL
MTR_MUX_CTRL
RESERVED
0x00
R/W
0x016
GLOBAL_MUX_
CONFIG
[7:0]
GLOBAL_MUX_CTRL
RESERVED
0x00
R/W
0x017
GPIO_CONFIG
[7:0]
RESERVED
GPIO_OP_EN
0x00
R/W
0x018
GPIO_DATA
[7:0]
RESERVED
GPIO_READ_DATA
GPIO_WRITE_DATA
0x00
R/W
0x019
BUFFER_
CONFIG_1
[7:0]
RESERVED
REF_BUF_
POS_EN
REF_
BUF_
NEG_EN
RESERVED
0x38
R/W
0x01A
BUFFER_
CONFIG_2
[7:0]
REF-
BUFP_
PREQ
REF-
BUFN_
PREQ
RESERVED
PDB_ALDO
1_OVRDRV
PDB_
ALDO2_
OVRDRV
PDB_
DLDO_
OVRDRV
0xC0
R/W



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com