Electronic Components Datasheet Search
  English  ▼

X  

AD7779 Datasheet(PDF) 30 Page - Analog Devices

Part # AD7779
Description  8-Channel, 24-Bit, Simultaneous Sampling ADC
PDF  97 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

AD7779 Datasheet(HTML) 30 Page - Analog Devices

Back Button AD7779 Datasheet HTML 26Page - Analog Devices AD7779 Datasheet HTML 27Page - Analog Devices AD7779 Datasheet HTML 28Page - Analog Devices AD7779 Datasheet HTML 29Page - Analog Devices AD7779 Datasheet HTML 30Page - Analog Devices AD7779 Datasheet HTML 31Page - Analog Devices AD7779 Datasheet HTML 32Page - Analog Devices AD7779 Datasheet HTML 33Page - Analog Devices AD7779 Datasheet HTML 34Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 97 page
background image
AD7779
Data Sheet
Rev. 0 | Page 30 of 97
TERMINOLOGY
Common-Mode Rejection Ratio (CMRR)
CMRR is the ratio of the power in the ADC output at full-
scale frequency, f, to the power of a 100 mV p-p sine wave
applied to the common-mode voltage of VIN+ and VIN− at
frequency, fS.
CMRR (dB) = 10 log(Pf/PfS)
where:
Pf is the power at frequency, f, in the ADC output.
PfS is the power at frequency, fS, in the ADC output.
Differential Nonlinearity (DNL) Error
In an ideal ADC, code transitions are 1 LSB apart. Differential
nonlinearity is the maximum deviation from this ideal value.
DNL error is often specified in terms of resolution for which
no missing codes are guaranteed.
Integral Nonlinearity (INL) Error
Integral noninearity error refers to the deviation of each
individual code from a line drawn from negative full scale
through positive full scale. The point used as negative full scale
occurs ½ LSB before the first code transition. Positive full scale is
a level 1½ LSB beyond the last code transition. The deviation is
measured from the middle of each code to the true straight line.
Dynamic Range
Dynamic range is the ratio of the rms value of the full-scale
input signal to the rms noise measured for an input. The value
for dynamic range is expressed in decibels.
Channel to Channel Isolation
Channel to channel isolation is a measure of the level of
crosstalk between channels. It is measured by applying a full-
scale frequency sweep sine wave signal to all seven nonselected
input channels and determining how much that signal is
attenuated in the selected channel. The figure is given for
worst case scenarios across all eight channels of the AD7779.
Intermodulation Distortion
With inputs consisting of sine waves at two frequencies, fa
and fb, any active device with nonlinearities creates distortion
products at sum and difference frequencies of mfa and nfb,
where m, n = 0,1, 2, 3, and so on. Intermodulation distortion
terms are those for which neither m nor n are equal to 0. For
example, the second-order terms include (fa + fb) and (fa −
fb), and the third-order terms include (2fa + fb), (2fa − fb),
(fa + 2fb), and (fa − 2fb). The AD7779 is tested using the
CCIF standard, where two input frequencies near the top end
of the input bandwidth are used. In this case, the second-
order terms are usually distanced in frequency from the original
sine waves, and the third-order terms are usually at a frequency
close to the input frequencies. As a result, the second- and
third-order terms are specified separately. The calculation of
the intermodulation distortion is per the THD specification,
where it is the ratio of the rms sum of the individual distortion
products to the rms amplitude of the sum of the fundamentals,
expressed in decibels.
Gain Error
The first transition (from 100 … 000 to 100 … 001) occurs at a
level ½ LSB above nominal negative full scale (−2.49999 V for
the ±2.5 V range). The last transition (from 011 … 110 to
011 … 111) occurs for an analog voltage 1½ LSB below the
nominal full scale (2.49999 V for the ±2.5V range). The gain
error is the deviation of the difference between the actual
level of the last transition and the actual level of the first
transition from the difference between the ideal levels.
Gain Error Drift
Gain error drift is the ratio of the gain error change due to a
temperature change of 1°C and the full-scale range (2N). It is
expressed in parts per million.
Least Significant Bit (LSB)
The least significant bit, or LSB, is the smallest increment that
can be represented by a converter. For a fully differential input
ADC with N bits of resolution, the LSB expressed in volts is
LSB (V) =
N
REF
V
2
2
The LSB referred to the input is
LSB (VIN) =
N
GAIN
REF
PGA
V
2
2 
Power Supply Rejection Ratio (PSRR)
Variations in power supply affect the full-scale transition but
not the linearity of the converter. PSRR is the maximum change
in the full-scale transition point due to a change in the power
supply voltage from the nominal value.
Signal-to-Noise Ratio (SNR)
SNR is the ratio of the rms value of the actual input signal to
the rms sum of all other spectral components below the Nyquist
frequency, excluding harmonics and dc. The value for SNR is
expressed in decibels.
Signal-to-(Noise + Distortion) Ratio (SINAD)
SINAD is the ratio of the rms value of the actual input signal
to the rms sum of all other spectral components below the
Nyquist frequency, including harmonics but excluding dc.
The value for SINAD is expressed in decibels.
Spurious-Free Dynamic Range (SFDR)
SFDR is the difference, in decibels, between the rms amplitude of
the input signal and the peak spurious signal (including
harmonics).
Total Harmonic Distortion (THD)
THD is the ratio of the rms sum of the first five harmonic
components to the rms value of a full-scale input signal and
is expressed in decibels.
Offset Error
Offset error is the difference between the ideal midscale input
voltage (0 V) and the actual voltage producing the midscale
output code.
Offset Error Drift
Offset error drift is the ratio of the offset error change due to
a temperature change of 1°C and the full-scale code range
(2N). It is expressed in μV/°C.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com